Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7230 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230 Datasheet(HTML) 5 Page - Texas Instruments

  UCD7230 Datasheet HTML 1Page - Texas Instruments UCD7230 Datasheet HTML 2Page - Texas Instruments UCD7230 Datasheet HTML 3Page - Texas Instruments UCD7230 Datasheet HTML 4Page - Texas Instruments UCD7230 Datasheet HTML 5Page - Texas Instruments UCD7230 Datasheet HTML 6Page - Texas Instruments UCD7230 Datasheet HTML 7Page - Texas Instruments UCD7230 Datasheet HTML 8Page - Texas Instruments UCD7230 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITION
VALUE
UNIT
VDD
16
Supply voltage
V
BST
SW + 16
IDD
Quiescent
20
Supply current
mA
Switching, TA = 25°C, VDD = 12
200
V
VO
OUT1, BST
-1 V to 36
Output gate drive voltage
V V
OUT2
-1 V to VDD+0.3
IOUT(sink)
OUT1
4.0
IOUT(source)
OUT1
-2.0
Output gate drive current
A
IOUT(sink)
OUT2
4.0
IOUT(source)
OUT2
-4.0
SW
-1 to 20
CS+
-0.3 to 20
Analog inputs
CSBIAS
-0.3 to 16
POS, NEG
-0.3 to 5.6
V
ILIM, DLY, I0
-0.3 to 3.6
Analog output
A0
-0.3 to 3.6
Digital I/O’s
IN, SRE, CLF
-0.3 to 3.6
TA = 25°C (PWP-20 package)
2.67
Power dissipation
W
TA = 25°C (QFN-20 package)
TJ
Junction operating temperature
-55 to 150
°C
Tstg
Storage temperature
-65 to 150
HBM
Human body model
2000
ESD rating
V
CDM
Charged device model
500
Lead temperature (soldering, 10 sec)
300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability. All voltages are with respect to GND. Currents are positive
into, negative out of the specified terminal. Consult company packaging information for thermal limitations and considerations of
packages.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com