Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7230 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230 Datasheet(HTML) 1 Page - Texas Instruments

  UCD7230 Datasheet HTML 1Page - Texas Instruments UCD7230 Datasheet HTML 2Page - Texas Instruments UCD7230 Datasheet HTML 3Page - Texas Instruments UCD7230 Datasheet HTML 4Page - Texas Instruments UCD7230 Datasheet HTML 5Page - Texas Instruments UCD7230 Datasheet HTML 6Page - Texas Instruments UCD7230 Datasheet HTML 7Page - Texas Instruments UCD7230 Datasheet HTML 8Page - Texas Instruments UCD7230 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Current
Limit Logic
ILIM
CLF
AGND
3V3
3V3
REG
Drive and Dead-Time
ControlLogic
(D;1-D)
UVLO
I
DLY
+
CS
BIAS
CS+
BST
OUT1
SW
PVDD
OUT2
PGND
Enable
IO
+
0.6 V
POS
NEG
AO
VDD
+
ILIM /10
48x
Over
Current
IN
SRE
Blank
UCD7230
DLY
I
LOAD
PWM
SRE
V
OUT
I
DLY
V
IN
BIAS
I
MAX
CLF
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense
Conditioning Amplifier
• Digitally-Controlled Synchronous-Buck Power
• Input from Digital Controller Sets Operating
Stages for Single and Multi-Phase
Frequency and Duty Cycle
Applications
• Up to 2-MHz Switching Frequency
• Especially Suited for Use with UCD91xx or
• Dual Current Limit Protection with
UCD95xx Contollers
Independently Adjustable Thresholds
• High-Current Multi-Phase VRM/EVRD
• Fast Current Sense Circuit with Adjustable
Regulators for Desktop, Server, Telecom and
Blanking Interval Prevents Catastrophic
Notebook Processors
Current Levels
• Digitally-Controlled Synchronous-Buck Power
Supplies Using
µCs or the TMS320TM DSP
• Digital Output Current Limit Flag
Family
• Low Offset, Gain of 48, Differential Current
Sense Amplifier
• 3.3-V, 10-mA Internal Regulator
The UCD7230 is part of the UCD7K family of digital
• Dual TrueDrive™ High-Current Drivers
control compatible drivers for applications utilizing
• 10-ns Typical Rise/Fall Times with 2.2-nF
digital control techniques or applications requiring
Loads
fast local peak current limit protection.
• 4.5-V to 15.5-V Supply Voltage Range
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TrueDrive, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD7230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7230 TI1-UCD7230 Datasheet
1Mb / 26P
Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7230ARGWR TI1-UCD7230ARGWR Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7230ARGWT TI1-UCD7230ARGWT Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
More results

Similar Description - UCD7230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
Digital Control Compatible Synchronous-Buck Gate Driver With Current
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
logo
Texas Instruments
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCC7230 TI1-UCC7230 Datasheet
1Mb / 26P
Digital Control Compatible Synchronous Buck Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com