Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYPAS211 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 4Page - Infineon Technologies AG CYPAS211 Datasheet HTML 5Page - Infineon Technologies AG CYPAS211 Datasheet HTML 6Page - Infineon Technologies AG CYPAS211 Datasheet HTML 7Page - Infineon Technologies AG CYPAS211 Datasheet HTML 8Page - Infineon Technologies AG CYPAS211 Datasheet HTML 9Page - Infineon Technologies AG CYPAS211 Datasheet HTML 10Page - Infineon Technologies AG CYPAS211 Datasheet HTML 11Page - Infineon Technologies AG CYPAS211 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Datasheet
8
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Functional description
3
Functional description
3.1
System start-up
On power-up, the primary side start-up controller must start controlling the primary switch using its soft start
mechanism and provide sufficient current to charge the secondary-side output capacitor and the start-up current
required for EZ-PD™ PAG2S-QZ. The secondary output voltage is the input power supply source of PAG2S-QZ.
Once VBUS_IN voltage exceeds 3.3-V, PAG2S-QZ firmware will boot up and take control of the primary switch.
The PAG2S-QZ firmware boot up time is in the order of a few milliseconds.
Once the boot-up is complete, the firmware configures the error-amplifier to achieve the 5-V secondary output
and PAG2S-QZ will generate the PWM pulses accordingly. These pulses on PWM_DRV are coupled to the primary
start-up controller through a pulse transformer. On receiving the PWM pulses, the primary side start-up controller
is expected to synchronize its internal oscillator with the PWM pulses and switch from start-up mode to
secondary control mode. In secondary control mode, the primary switch is directly controlled by the PWM pulses
generated by PAG2S-QZ.
3.2
Modes of operation - SR
PAG2S-QZ supports synchronous rectification (SR) in both DCM and CCM modes. The SR sense block supports
negative sense detect and ZCD. Figure 3 through Figure 5 show the SR_GDRV functionality in QR/CrCM, valley
switching, and CCM modes. The SR controller has a turn-on propagation delay of 40 ns (typ) and a turn-off
propagation delay of 25 ns (typ).
Figure 3
SR_SEN and SR_GDRV in QR/CrCM mode
Time
Primary Current
Secondary Current
SR_SEN
Primary FET ON,
SR FET OFF
Primary FET ON,
SR FET OFF
Primary FET OFF,
SR FET ON
Primary FET OFF,
SR FET ON
Negative sense
detect
ZCD
Both FET OFF
SR_GDRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com