Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYPAS211 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # CYPAS211
Description  EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS211 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button CYPAS211 Datasheet HTML 11Page - Infineon Technologies AG CYPAS211 Datasheet HTML 12Page - Infineon Technologies AG CYPAS211 Datasheet HTML 13Page - Infineon Technologies AG CYPAS211 Datasheet HTML 14Page - Infineon Technologies AG CYPAS211 Datasheet HTML 15Page - Infineon Technologies AG CYPAS211 Datasheet HTML 16Page - Infineon Technologies AG CYPAS211 Datasheet HTML 17Page - Infineon Technologies AG CYPAS211 Datasheet HTML 18Page - Infineon Technologies AG CYPAS211 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Datasheet
15
002-37216 Rev. *B
2023-10-10
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS
controller
Functional description
Analog PWM smart algorithm allows the operation to automatically transition between modes based on the
output power requirement. The mode of operation stays in CrCM for higher loads, moves to DCM for medium
loads, and switches to skip mode or burst mode for low and ultra-low power loads (see Figure 10).
Figure 10
Error amplifier output vs modes of operation
3.4
Fault protection
3.4.1
VBUS OVP, UVP, OCP, and SCP
VBUS undervoltage and overvoltage faults are monitored using internal VBUS_IN/VBUS_C resistor dividers. VBUS
overcurrent and short-circuit faults are monitored using internal current sense amplifiers (CSA). The fault
thresholds and response mechanisms are firmware-configurable.
3.4.2
Overtemperature protection
Over-temperature monitoring is done using an external thermistor and internal ADC. The thermistor can be
connected to any free GPIO. PAG2S-QZ has an integrated 8-bit SAR ADC, which is available for general purpose
analog-to-digital conversions. The fault thresholds and response mechanisms are firmware-configurable.
3.4.3
ESD, CC OVP, and DP/DM OVP
PAG2S-QZ offers ESD protection on all pins. Further, the chip integrates protection against accidental short of CC
pins to the high-voltage VBUS_C rail and also protects against overvoltage on DP/DM pins.
3.5
Power modes
PAG2S-QZ supports multiple power modes - Active, Sleep, and Deep Sleep. Transitions between these modes is
handled by the application firmware depending on the operating conditions.
3.6
MCU subsystem
PAG2S-QZ integrates a 32-bit Cortex®-M0+ MCU with 64-KB flash, 8-KB SRAM, and 64-KB ROM. PAG2S-QZ also
supports 1x TCPWM and 2x ADC.
Time
Skip entry
Skip exit, Burst entry
Burst exit
DCM (Valley)
Skip
Burst
Skip
Burst
DCM (Valley)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com