Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA5010 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 80Page - NXP Semiconductors PCA5010 Datasheet HTML 81Page - NXP Semiconductors PCA5010 Datasheet HTML 82Page - NXP Semiconductors PCA5010 Datasheet HTML 83Page - NXP Semiconductors PCA5010 Datasheet HTML 84Page - NXP Semiconductors PCA5010 Datasheet HTML 85Page - NXP Semiconductors PCA5010 Datasheet HTML 86Page - NXP Semiconductors PCA5010 Datasheet HTML 87Page - NXP Semiconductors PCA5010 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
1998 Nov 02
84
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Notes
1. DC/DC converter configured with inductor of L = 470
µH, SRL = 5 Ω, input capacitance of Ci = 4.7 µF, ESR = 0.5 Ω,
VDD output capacitor Co = 4.7 µF, ESR = 0.5 Ω, RBAT <1 Ω.
2. The required VBAT for starting the circuit after connecting it to the battery is 1.1 V. But once in place, the battery can
be used until it is discharged to 0.9 V.
3. This parameter is not tested during production; it is guaranteed by design.
4. This parameter is not tested during production; it is covered by other measurements.
5. The accuracy of the voltage is defined by maximum offset and ripple voltage. DC offset is defined by the accuracy
of the internal band gap reference and the offset of comparators, whereas the ripple voltage is defined by the limits
of the allowed voltage window of the regulated VDD.
6. The ripple in standby mode is defined by VBAT, L, tn and ESR (see Table 54).
7. PCA5010 set to standby mode by software: 76.8 kHz oscillator running, DC/DC converter running in standby mode,
all timer/counters disabled except RTC, microcontroller Idle, all outputs open-circuit, no IDD delivered to external
circuits.
8. This parameter depends on external components and is not tested during production; hence no guarantee.
9. Rs = total series resistance = RBAT +SRL+RDS(on) + ESR.
10. PCA5010 set to receive mode by software: 76.8 kHz and 6 MHz oscillator running, DC/DC converter running in
normal mode, wake-up counter, clock compensation, watchdog timer, T0 and T1 enabled, demodulator set to direct
input data, AFC disabled, microcontroller Idle, all outputs open-circuit, no IDD delivered to external circuits.
11. The minimum supply voltage is determined by the start-up sequence of the device. When the start-up sequence is
completed, the supply voltage can be lowered to 1.8 V.
12. The microcontroller operates with approximately 1.9 million instructions per second at a VDD = 2.2 V. The current
consumption at this VDD is 0.7 mA/MIPS (peripheral blocks as e.g. timers, DC/DC converter, I2C-bus, UART,
demodulator etc., are excluded). The current required from VDD is then 1.35 mA (typ.). This scales to
sunk from VBAT.
13. In mass program mode the current can increase to 100 mA.
CL(DAC)
allowed capacitive load at
DAC output
−−
50
pF
Isource(DAC)
AFCOUT source current
VDD = 2.2 V;
VAFCOUT =VDD − 0.4 V;
code = 111111
−−895
−100
µA
Isink(DAC)
AFCOUT sink current
VDD = 2.2 V;
VAFCOUT = 0.4 V;
code = 000000
10
25
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
BAT
V
DD
V
BAT
------------
I
DD
×
2.5 mA
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com