| Electronic Components Datasheet Search |
|
PCA5010 Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA5010 Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 112 page ![]() 1998 Nov 02 26 Philips Semiconductors Product specification Pager baseband controller PCA5010 Table 16 Serial Port Control Register (S0CON, SFR address 98H) Table 17 Description of the S0CON bits Table 18 Selection of the serial port modes 6.9.4 UART DATA REGISTER (S0BUF) S0BUF contains the serial data to be transmitted or data which has just been received. Bit 0 is transmitted or received first. Table 19 Data Shift Register (S0BUF, SFR address 99H) 6.9.5 BAUD RATES The baud rate in Modes 1 and 2 depends on the value of the SMOD bit in SFR PCON and may be calculated as: • If SMOD = 0, (which is the value on reset), the baud rate is 1⁄16fosc • If SMOD = 1, the baud rate is 1⁄8fosc. 76543210 SM0 SM1 − REN TB8 RB8 TI RI BIT SYMBOL FUNCTION S0CON.7 SM0 this bit along with the SM1 bit, is used to select the serial port mode; see Table 18 S0CON.6 SM1 this bit along with the SM0 bit, is used to select the serial port mode; see Table 18 S0CON.5 − SM2 is not available S0CON.4 REN this bit enables serial reception and is set by software to enable reception, and cleared by software to disable reception S0CON.3 TB8 this bit is the 9th data bit that will be transmitted in Mode 2; set or cleared by software as desired S0CON.2 RB8 in Mode 2, this bit is the 9th data bit received; in Mode 1 it is the stop bit that was received S0CON.1 TI The transmit interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or at the beginning of the stop bit time in the other modes, in any serial transmission. Must be cleared by software. S0CON.0 RI The receive interrupt flag. Set by hardware at the end of the 8th bit time in Mode 0, or halfway through the stop bit time in the other modes, in any serial transmission (for exception see SM2). Must be cleared by software. SM0 SM1 MODE DESCRIPTION BAUD RATE 0 1 1 8-bit UART 1 ⁄16fosc or 1⁄8fosc 1 0 2 9-bit UART 1 ⁄16fosc or 1⁄8fosc 76543210 D7 D6 D5 D4 D3 D2 D1 D0 Baud rate 2 SMOD 16 ----------------- f osc × = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |