Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-PCM3 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-PCM3
Description  Clamp Meter PCE-PCM 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCM3 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-PCM3 Datasheet HTML 1Page - PCE Instruments. PCE-PCM3 Datasheet HTML 2Page - PCE Instruments. PCE-PCM3 Datasheet HTML 3Page - PCE Instruments. PCE-PCM3 Datasheet HTML 4Page - PCE Instruments. PCE-PCM3 Datasheet HTML 5Page - PCE Instruments. PCE-PCM3 Datasheet HTML 6Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
Measuring function
 
 
Frequency measurement with
 
 
The current measuring function
 
 
Measuring range
Resolution
Accuracy
99.99 Hz
0.01 Hz
± 1.5% + 5 Dgt
999.9 Hz
0.1 Hz
± 1.5% + 5 Dgt
 
 
 
Measuring range: 10 ... 1 kHz
Measuring range of the input signal: > 20 AAC (rms value)
The input current increases with the measuring frequency.
Maximum input current: 1000 AAC (rms value)
 
 
 
Measuring function
 
 
Frequency measurement with the
 
 
Voltage measurement function
 
 
Measuring range
Resolution
Accuracy
99.99 Hz
0.01 Hz
± 1.5% + 5 Dgt
999.9 Hz
0.1 Hz
± 1.5% + 5 Dgt
9,999 kHz
0.001 kHz
± 1.5% + 5 Dgt
 
 
 
Measuring range: 10 ... 10 kHz
Measuring range of the input signal: > 1V AC (rms value)
The input current increases with the measuring frequency.
Maximum input voltage: 1000V AC (rms value)
 
 
 
Measuring function
 
 
Frequency measurement 
 
 
Measuring range
Resolution
Accuracy
9,999 Hz
0.001 Hz
± 0.3% + 5 Dgt
99.99 Hz
0.01 Hz
± 0.3% + 5 Dgt
9,999 kHz
0.1 Hz
± 0.3% + 5 Dgt
999.9 Hz
0.001 kHz
± 0.3% + 5 Dgt
99.99 kHz
0.01 kHz
± 0.3% + 5 Dgt
999.9 kHz
0.1 kHz
± 0.3% + 5 Dgt
9,999 MHz
0.001 MHz
± 0.3% + 5 Dgt
 
 
 
Overvoltage protection: 1000V DC or 750V AC (rms value)
Range of voltage input> 2V
(as the input voltage increases, so does the frequency)
 
 
 
Measuring function
 
 
Duty cycle
 
 
Measuring range
Resolution
Accuracy
0.1 ... 99.9%
0.1%
± 0.3% + 5 Dgt
 
 
 
Frequency range: 10 ... 10 kHz
Voltage range: 2 ... 250V AC (rms value)
(The voltage increases with the frequency)
 
Duty cycle with the
Frequency range: 10 ... 1 kHz
Current measurement function
Input current: 20 ... 1000 AAC (rms value)
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com