Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-PCM3 Datasheet(PDF) 5 Page - PCE Instruments.

Part # PCE-PCM3
Description  Clamp Meter PCE-PCM 3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCM3 Datasheet(HTML) 5 Page - PCE Instruments.

  PCE-PCM3 Datasheet HTML 1Page - PCE Instruments. PCE-PCM3 Datasheet HTML 2Page - PCE Instruments. PCE-PCM3 Datasheet HTML 3Page - PCE Instruments. PCE-PCM3 Datasheet HTML 4Page - PCE Instruments. PCE-PCM3 Datasheet HTML 5Page - PCE Instruments. PCE-PCM3 Datasheet HTML 6Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
Measuring function
 
 
Single phase power measurement
 
 
Measuring range
Resolution
Accuracy
3 W / VA / Var
0.01 W / VA / Var
± 3% + 5 Dgt
100 W / VA / Var
0.1 W / VA / Var
± 3% + 5 Dgt
4000 W / VA / Var
1 W / VA / Var
± 3% + 5 Dgt
10 kW / VA / var
0.01 kW / VA / Var
± 3% + 5 Dgt
100 kW / VA / var
0.1 kW / VA / Var
± 3% + 5 Dgt
750 kW / VA / var
1 kW / VA / Var
± 3% + 5 Dgt
 
 
 
Smallest measuring current: 1-mA
Smallest measuring voltage: 1V
 
 
 
Measuring function
 
 
Power factor capacitive / inductive  
 
Measuring range
Resolution
Accuracy
0.1 ... 1
0.001
± 5% + 5 Dgt
 
 
 
Smallest measuring current: 1-mA
Smallest measuring voltage: 1V
 
 
 
Measuring function
 
 
Harmonics measurement
 
 
Measuring range
Resolution
Accuracy
1
-
± 3% + 10 Dgt
2 ... 6
-
± 3.5% + 10 Dgt
7 ... 8
-
± 4.5% + 10 Dgt
9 ... 10
-
± 5% + 10 Dgt
11 ... 15
-
± 7% + 10 Dgt
16 ... 20
-
± 10% + 10 Dgt
 
 
 
Smallest measuring current: 1-mA
Smallest measuring voltage: 1V
The resolution depends on the voltage measuring range
 
 
 
General specifications
 
 
Measuring range
Automatically and manually adjustable
Maximum voltage range
1000V DC or 750V AC
Maximum working height
2000 m / 6561 ft
Display
LCD
Maximum display
5999 Dgt.
Overrange
"OIL"
Measuring range underflow
"-OL"
Measuring rate
3 Hz
Automatic shutdown
After 30 minutes
Power supply
9V block battery
Battery indicator
Icon if the battery voltage is too low
Temperature coefficient
0.1 x accuracy x °C / °F*
Operating conditions
0 ... 40°C, 32 ... 104°F
Storage conditions
-10 ... 60°C, 14 ... 140°F
Dimensions
238 x 92 x 50 mm / 9.4 x 3.6 x 2 in  
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com