Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1238708 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1238708
Description  SACC-DSI-M12FS-4CON-L180 VAX - Device connector, rear mounting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1238708 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1238708 Datasheet HTML 1Page - PHOENIX CONTACT 1238708 Datasheet HTML 2Page - PHOENIX CONTACT 1238708 Datasheet HTML 3Page - PHOENIX CONTACT 1238708 Datasheet HTML 4Page - PHOENIX CONTACT 1238708 Datasheet HTML 5Page - PHOENIX CONTACT 1238708 Datasheet HTML 6Page - PHOENIX CONTACT 1238708 Datasheet HTML 7Page - PHOENIX CONTACT 1238708 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Approvals
To download certificates, visit the product detail page: https://www.phoenixcontact.com/us/products/1238708
cUL Recognized
Approval ID: E118976-20100522
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
250 V
4 A
- 22
-
UL Recognized
Approval ID: E118976-20100522
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
250 V
4 A
- 22
-
cULus Recognized
Approval ID: E221474-20140616
Nominal voltage UN
Nominal current IN
Cross section AWG
Cross section mm2
250 V
4 A
22 - 20
-
cULus Recognized
SACC-DSI-M12FS-4CON-L180 VAX - Device
connector, rear mounting
1238708
https://www.phoenixcontact.com/us/products/1238708
Feb 13, 2024, 7:01 AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com