Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1238708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1238708
Description  SACC-DSI-M12FS-4CON-L180 VAX - Device connector, rear mounting
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1238708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1238708 Datasheet HTML 1Page - PHOENIX CONTACT 1238708 Datasheet HTML 2Page - PHOENIX CONTACT 1238708 Datasheet HTML 3Page - PHOENIX CONTACT 1238708 Datasheet HTML 4Page - PHOENIX CONTACT 1238708 Datasheet HTML 5Page - PHOENIX CONTACT 1238708 Datasheet HTML 6Page - PHOENIX CONTACT 1238708 Datasheet HTML 7Page - PHOENIX CONTACT 1238708 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector, rear mounting, 4-position, Socket, straight, M12, coding: A, Rear mounting,
Pg9, Wave soldering, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.
1 %)
Your advantages
Easy PCB assembly: one-piece connectors for wave soldering
•
Commercial data
Item number
1238708
Packing unit
20 pc
Minimum order quantity
20 pc
Sales key
AB26
Product key
ABQEPL
GTIN
4063151432034
Weight per piece (including packing)
15.45 g
Weight per piece (excluding packing)
15.2 g
Customs tariff number
85366990
Country of origin
DE
SACC-DSI-M12FS-4CON-L180 VAX - Device
connector, rear mounting
1238708
https://www.phoenixcontact.com/us/products/1238708
Feb 13, 2024, 7:01 AM
Page 1 (8)


Similar Part No. - 1238708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1238707 PHOENIX-1238707 Datasheet
419Kb / 11P
SACC-DSI-FSX-8CON-PG9-L180 SCOX - Device connector, rear mounting
1238709 PHOENIX-1238709 Datasheet
204Kb / 6P
SACC-DSI-M12MS-4CON-L180 VAX - Device connector rear mounting
More results

Similar Description - 1238708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409463 PHOENIX-1409463 Datasheet
1Mb / 11P
SACC-DSI-M12FS-5CON-PG9-L180 - Device connector, rear mounting
1419771 PHOENIX-1419771 Datasheet
455Kb / 11P
SACC-DSI-M12FS-4CON-M16 SH - Device connector, rear mounting
1456019 PHOENIX-1456019 Datasheet
391Kb / 9P
SACC-DSI-M 8MS-4CON-L180 SH - Device connector, rear mounting
1456129 PHOENIX-1456129 Datasheet
429Kb / 9P
SACC-DSI-M8FS-4CON-M10-L180 SH - Device connector, rear mounting
1457869 PHOENIX-1457869 Datasheet
432Kb / 10P
SACC-DSI-FS-4CON-L180/SH RD - Device connector, rear mounting
1553462 PHOENIX-1553462 Datasheet
499Kb / 10P
SACC-DSI-FS-4CON-L180 SCO - Device connector, rear mounting
1425592 PHOENIX-1425592 Datasheet
347Kb / 9P
SACC-DSI-M12MSL4CON-M16XL-L180 - Device connector, rear mounting
1425593 PHOENIX-1425593 Datasheet
315Kb / 9P
SACC-DSI-M12FSL4CON-M16XL-L180 - Device connector, rear mounting
1027680 PHOENIX-1027680 Datasheet
203Kb / 6P
SACC-DSI-MSD-4CON-M16-L180 PP - Device connector, rear mounting
1240058 PHOENIX-1240058 Datasheet
472Kb / 11P
SACC-DSI-FSD-4CON-L180/12SCOSHX - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com