Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB2421 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCB2421
Description  1K dual mode serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB2421 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCB2421 Datasheet HTML 9Page - NXP Semiconductors PCB2421 Datasheet HTML 10Page - NXP Semiconductors PCB2421 Datasheet HTML 11Page - NXP Semiconductors PCB2421 Datasheet HTML 12Page - NXP Semiconductors PCB2421 Datasheet HTML 13Page - NXP Semiconductors PCB2421 Datasheet HTML 14Page - NXP Semiconductors PCB2421 Datasheet HTML 15Page - NXP Semiconductors PCB2421 Datasheet HTML 16Page - NXP Semiconductors PCB2421 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 Apr 01
13
Philips Semiconductors
Preliminary specification
1K dual mode serial EEPROM
PCB2421
7
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
8
DC CHARACTERISTICS
VDD = 4.5 to 5.5 V; VSS =0V; Tamb =0to+70 °C; unless otherwise specified.
9
EEPROM CHARACTERISTICS
VDD = 4.5 to 5.5 V; VSS =0V; Tamb =0to+70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+7.0
V
Vn
input voltage on any pin
measured via 500
Ω resistor
−0.5
VDD(max) + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
Ptot
total power dissipation
150
mW
Po
power dissipation per output
50
mW
Tstg
storage temperature
without EEPROM retention
−65
+150
°C
with EEPROM retention
−65
+70
°C
Tamb
operating ambient temperature
0
+70
°C
Ves
electrostatic discharge
note 1
−2000
+2000
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4.5
5.5
V
VIH
HIGH level input voltage (pins 3,
5 and 6)
0.7VDD −−
V
VIL
LOW level input voltage (pins 3,
5 and 6)
−−
0.3VDD V
VIH(7)
HIGH level input voltage (pin 7)
2.0
−−
V
VIL(7)
LOW level input voltage (pin 7)
−−
0.8
V
VOL
LOW level output voltage
IOL = 3 mA; VDD = 4.5 V
−−
0.4
V
ILI
input leakage current
VI = 0 to 5.5 V
−10
+10
µA
ILO
output leakage current
VO = 0 to 5.5 V
−10
+10
µA
IDD(write)
operating write current
fSCL = 100 kHz; VDD = 5.5 V
−−
1000
µA
IDD(read)
operating read current
fSCL = 100 kHz; VDD = 5.5 V
−−
400
µA
IDD(st)
standby current
VDD = 5.5 V; DDC2B mode;
VCLK = SDA = SCL = VDD
−−
30
µA
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
tWR
EEPROM write time
20
ms
NCYC
EEPROM endurance
10000
E/W cycles
tRET
EEPROM retention
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com