Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB8517P Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCB8517P
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517P Datasheet(HTML) 5 Page - NXP Semiconductors

  PCB8517P Datasheet HTML 1Page - NXP Semiconductors PCB8517P Datasheet HTML 2Page - NXP Semiconductors PCB8517P Datasheet HTML 3Page - NXP Semiconductors PCB8517P Datasheet HTML 4Page - NXP Semiconductors PCB8517P Datasheet HTML 5Page - NXP Semiconductors PCB8517P Datasheet HTML 6Page - NXP Semiconductors PCB8517P Datasheet HTML 7Page - NXP Semiconductors PCB8517P Datasheet HTML 8Page - NXP Semiconductors PCB8517P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1997 Mar 03
5
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
FUNCTIONAL DESCRIPTION
3-wire high speed serial interface (HSSI)
The 3-wire (EN, SDI and SCK) high speed serial interface
of the PCB8517 is write only and is used to write data from
the microcontroller to the internal 273 bytes of RAM (see
Section “Internal RAM organization (see Fig.4)”) to control
the OSD. The RAM is organized into 11 rows of
32 columns (see Fig.4) and can be programmed by three
types of sequence (see Section “Data sequence and
format”).
DATA PROTOCOL
Figure 3 shows the protocol of HSSI. To initiate HSSI
transmission, pin EN must be LOW to enable the
PCB8517 to accept data. The EN input must be pulled
LOW prior to the occurrence of SCK and remain LOW until
after the last SCK clock pulse. The rising edge of SCK
facilitates the input data of SDI being shifted into an 8-bit
shift register. When the shift register is full this data will be
loaded into a row address register, column address
register or into one of the internal RAM bytes.
Table 1 shows the switching characteristics when the
HFLB pin has a pulse presented, but when there is no
horizontal sync pulse present on the HFLB pin, the
transmission bit rate will be slowed down to 500 kbit/s.
Table 1
Switching characteristics (under operating
conditions)
SYMBOL
PARAMETER
MIN.
MAX. UNIT
tsu(EN)
EN to SCK set-up time 200
−
ns
th(EN)
EN to SCK hold time
100
−
ns
tSCKL
SCK LOW time
200
−
ns
tSCKH
SCK HIGH time
200
−
ns
tsu(SDI)
SDI data set-up time
200
−
ns
th(SDI)
SDI data hold time
100
−
ns
Fig.3 3-wire serial interface protocol.
handbook, full pagewidth
B7
MSB
first byte
LSB
B0
B7
B7
B0
B7
B0
last byte
tsu(EN)
th(EN)
tSCKL
tSCKH
th(SDI)
tsu(SDI)
EN
SCK
SDI
MGD764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com