Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCB8517P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCB8517P
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCB8517P Datasheet HTML 2Page - NXP Semiconductors PCB8517P Datasheet HTML 3Page - NXP Semiconductors PCB8517P Datasheet HTML 4Page - NXP Semiconductors PCB8517P Datasheet HTML 5Page - NXP Semiconductors PCB8517P Datasheet HTML 6Page - NXP Semiconductors PCB8517P Datasheet HTML 7Page - NXP Semiconductors PCB8517P Datasheet HTML 8Page - NXP Semiconductors PCB8517P Datasheet HTML 9Page - NXP Semiconductors PCB8517P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Mar 03
6
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
DATA SEQUENCE AND FORMAT
The PCB8517 provides the following 3 types of
transmission sequence:
• Sequence A: R ⇒ CA ⇒ D ⇒ R ⇒ CA ⇒ D etc.
• Sequence B: R ⇒ CA ⇒ D ⇒ CA ⇒ D ⇒ CA ⇒ D etc.
• Sequence C: R ⇒ CB ⇒ D ⇒ D ⇒ D ⇒ D etc.
Where: R = row address,
CA = column address A, CB = column address B,
D = data of RAM.
The column address will be increased by 1 automatically
after each bit of data has been stored into the RAM.
In sequence C, if the column address of the last data is
1FH, the row address will also be increased by 1.
The sequence A is particularly suitable for updating small
amounts of data between different rows. However, if the
current information byte has the same row address as the
previous one, sequence B is recommended. For a greater
information update, such as a power-up situation,
sequence C should be used.
Bit B7 in Table 2 is used to distinguish between row or
column address and bit B6 is used to distinguish between
column address A or B. When A or B sequence is
transmitted, the column address should be formatted as
column address A, and the data format of column
address B is used for sequence C. There are some
limitations on using mixed formats during a single
transmission, for example when pin EN has been pulled to
LOW once.
Allowed:
• From A to B or C
• From B to A.
Not allowed:
• From C to A or B.
Table 2
Data format
Note
1. X = don’t care.
Internal RAM organization (see Fig.4)
The internal RAM is addressed with rows 0 to 10 and columns 0 to 31. The OSD character display buffers are located in
columns 0 to 23 of rows 0 to 9. Each display buffer contains a character ROM address and the colour control bit
corresponding to a display location on the monitor screen.
Each row data is associated with two control registers which are located at columns 30 and 31 of their respective row.
Also three window control registers for three windows together with three frame control register occupy the first
13 columns of row 10.
ADDRESS
DATA BYTE(1)
B7
B6
B5
B4
B3
B2
B1
B0
Row address
1
X
X
X
R3
R2
R1
R0
Column address A
0
0
X
C4
C3
C2
C1
C0
Column address B
0
1
X
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com