Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-2000N Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-2000N
Description  Hardness Tester PCE-2000N
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-2000N Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-2000N Datasheet HTML 1Page - PCE Instruments. PCE-2000N Datasheet HTML 2Page - PCE Instruments. PCE-2000N Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Measuring ranges
170 ... 960 HLD
17.9 ... 69.5 HRC
19 ... 683 HB
80 ... 1042 HV
30.6 ... 102.6 HS
59.1 ... 88 HRA
13.5. .. 101.7 HRB
 
 
Impact device included
(optional impact devices)
D
(DC, D + 15, C, G, DL)
 
 
Cable length impact
device
About 1.5 m / 4.9 ft
Accuracy
± 0.5% (@ 800 HLD)
Repeatability
0.8% (@ 800 HLD)
 
 
Hardness scales
HL (Leeb)
HV (Vickers)
HB (Brinell)
HS (Shore)
HRA (Rockwell A)
HRB (Rockwell B)
HRC (Rockwell C)
 
 
Measurable materials
Steel
Cast steel
Alloy steel
Stainless steel
Gray glacé
Ductile iron
Cast aluminum alloy
Cu-zinc (brass)
Copper-tin alloy,
Copper
 
 
Display resolution
128 x 64 pixel OLED
Data storage
600 averages in 6 data groups
Data output
USB stick
Power supply
3 x AAA batteries
Auto Power-Off
if not in use, the device shuts off automatically after 12
minutes
Operating conditions
10 ... 50°C / 50 ... 122°F, 20 ... 90% rh
Storage conditions
-30 ... 60°C / -22 ... 140°F
Dimensions
160 x 80 x 40 mm / 6.3 x 3.1 x 1.6 in (H x W x D)
Weight
Measuring device with batteries: approx. 300 g / < 1 lb
Impact device : approx. 75 g / < 1 lb
 
 
 
 
 
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com