Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-2000N Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-2000N
Description  Hardness Tester PCE-2000N
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-2000N Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-2000N Datasheet HTML 1Page - PCE Instruments. PCE-2000N Datasheet HTML 2Page - PCE Instruments. PCE-2000N Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hardness Tester PCE-2000N
Hardness Tester PCE-2000N
Hardness tester for metallic materials / Different impactors available / 7 different hardness scales / Save the data on USB stick
The PCE-Instruments PCE-2000N hardness meter uses the Leeb rebound method. This is a dynamic hardness test method in which a
standardized test specimen, usually a hard metal ball, is hit with defined impact energy on a test surface. The impact of the hard metal ball on
the test surface results in a plastic deformation of the surface at the point of impact. From this deformation results in an energy loss, which is
proportional to the workpiece hardness and can be determined by the ratio of rebound to impact velocity of the specimen. 
This technology enables a compact design, which makes it particularly suitable for the hardness tester. In contrast to static test methods with
heavy hardness testing machines, a mobile hardness tester can be used very flexibly in the incoming or outgoing inspection, in production and
generally in all areas where hardness has an influence on quality parameters. The hardness tester from PCE Instruments can be used to
measure six different hardness scales (HL, HV, HRA, HRC, HB, HV, HS) as well as ten different materials.
As standard, the hardness meter is supplied with a striker D, but optional additional impactors (DC, DL, C, D + 15, E, G) can be connected for
more specific applications. In addition, the data can be saved directly on a USB stick, which further extends the flexibility of this mobile
hardness tester. With a highly readable OLED display, a long standby time, a handy housing and a symbol-based menu navigation, the
handling of the mobile hardness tester is extremely user-friendly.
Measures all common hardness parameters
External impact device on 1.5 m / 4.9 ft cable
large measuring range
High precision
Storage data measurements on USB stick
Various other impactors as accessories
Measurement in different angles possible
Color display


Similar Part No. - PCE-2000N

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-2029-00A1 ADVANTECH-PCE-2029-00A1 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
PCE-2029/2129 ADVANTECH-PCE-2029/2129 Datasheet
967Kb / 2P
Compact Industrial Computer System with 6th/7th Gen Intel® Core™ i CPU Socket (LGA 1151)
8-Nov-2021
PCE-2032-00A1 ADVANTECH-PCE-2032-00A1 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
PCE-2032-00A1 ADVANTECH-PCE-2032-00A1 Datasheet
892Kb / 2P
Compact size IPC with 10th Gen Intel® Core™ i CPU Socket (LGA 1200) and 250W ATX PSU
9-Nov-2021
PCE-2032/2132 ADVANTECH-PCE-2032/2132 Datasheet
926Kb / 2P
Compact Industrial Computer System with 10th Gen Intel® Core™ i CPU Socket (LGA 1200)
29-Sep-2022
More results

Similar Description - PCE-2000N

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
GP-1500 ETC2-GP-1500 Datasheet
395Kb / 2P
Conformable, low hardness
GP-2000S40 ETC2-GP-2000S40 Datasheet
443Kb / 2P
Highly conformable, low hardness
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Qingdao Hantek Electron...
HT360 HANTEK-HT360 Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com