Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCM301 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # VCM301
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM301 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button VCM301 Datasheet HTML 12Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 13Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 14Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 15Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 16Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 17Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 18Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 19Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
37
Mechanical pressure switches
S2 type series
S2 type series
Examples of use for two-stage pressure switches
Pressure monitoring and controlling can be greatly simplified by using pressure monitors with two
built-in microswitches which can be made to operate one after the other under rising or falling
pressure. For example, minimum and maximum pressure monitoring can be achieved with only
one pressure switch, doing away with the need for a second pressure switch (including the cost of
installation). Step switching, e.g. pressure-dependent control of a two-stage pump, is of course also
possible using this special series.
Example 1:
Requirement
Pressure holding devices and automatic expansion valves usually have a gas cushion whose pressure
must be kept constant within a certain range. If the pressure is too low, a compressor is switched on.
If the pressure is too high, a solenoid valve must be opened to vent the gas. Between these two
levels is a neutral zone, in which the compressor and the solenoid valve are at rest.
Solution
All pressure switches of types DCM, DNS, each with additional function ZF217 and switching scheme
A 2, are suitable. All pressure ranges listed in the technical documents are possible. Example for
ordering: see page 24
Switching function / connection scheme
Switch I:
With falling pressure, contact 1–2 closes (compressor on)
With rising pressure, contact 1–2 opens (compressor off)
Switch II:
With rising pressure, contact 2–3 closes (valve open)
With falling pressure, contact 2–3 opens (valve closed).
In between there is a neutral zone in which the compressor is not switched on
and the solenoid coil is not energized (off position).
Example 2:
Requirement
In a process engineering system, the pressure in a nitrogen line has to be monitored. A green signal
lamp indicates that the pressure in the line is between 2.2 and 2.6 bar. If the pressure goes below 2.2
bar or above 2.6 bar, the indicator lamp goes out and the system shuts down.
Solution
The first contact of a DCM3–307 pressure switch with 2 microswitches opens under falling pressure
at 2.2 bar; the second microswitch opens under rising pressure at 2.6 bar. If the pressure is >2.2 bar
or <2.6 bar, the circuit is closed via both microswitches and the signal lamp is lit.
Minimum and maximum pressu-
re monitoring in a nitrogen line
For pressure-dependent control
of automatic expansion valves
and pressure holding devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com