Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCM301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCM301
Description  Pressure switches and pressure monitors for overpressure
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VCM301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCM301 Datasheet HTML 1Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 2Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 3Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 4Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 5Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 6Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 7Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 8Page - List of Unclassifed Manufacturers VCM301 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
40
s
Protection Class:
IP 54
Mechanical pressure switches
Liquids and gases
This universal pressure switch can be used in
general mechanical engineering and the printing
machine industry, as well as in pneumatics and
hydraulics.
SIL 2 according IEC 61508-2
DCM/DNM
Pressure switches and pressure monitors for overpressure
DCM25
Switching
250 VAC 250 VDC 24 VDC
capacity
(ohm) (ind)
(ohm)
(ohm)
Normal
8 A
5 A
0.3 A
8 A
Type
Setting range
Switching
Max.
Materials in- Dimen-
differential
permissible contact with sioned
(mean values) pressure
medium
drawing
Switching differential not adjustable
page 25 + 26
DCM4016
1…16 mbar
2
mbar
1 bar
Perbunan
1 + 11
DCM4025
4…25 mbar
2
mbar
1 bar
+ 1.4301
DCM1000
10…100 mbar
12
mbar 10 bar
Perbunan + MS
1 + 10
DCM025
0.04…0.25 bar
0.03
bar
6 bar
Cu + Ms
DCM06
0.1…0,6 bar
0.04
bar
6 bar
Cu + Ms
1 + 14
DCM1
0.2…1,6 bar
0.04
bar
6 bar
Cu + Ms
DNM025
0.04…0.25 bar
0.03
bar
6 bar
1 + 15
DCM506
15…60 mbar
10
mbar 12 bar
1 + 12
DCM3
0.2…2.5 bar
0.1
bar
16 bar
Sensor
DCM6
0.5…6 bar
0.15
bar
16 bar
housing
DCM625
0.5…6 bar
0.25
bar
25 bar
1.4104
DCM10
1…10 bar
0,3
bar
25 bar
+
DCM16
3…16 bar
0.5
bar
25 bar
Pressure
DCM25
4…25 bar
1.0
bar
60 bar
bellow
DCM40
8…40 bar
1.3
bar
60 bar
1.4571
DCM63
16…63 bar
2.0
bar 130 bar
Switching differential adjustable
DCMV025 0.04…0.25 bar
0.03…0.4 bar
6 bar
DCMV06
0.1…0.6 bar
0.04…0.5 bar
6 bar
Cu + Ms
1 + 14
DCMV1
0.2…1.6 bar
0.07…0.55 bar
6 bar
DCMV3
0.2…2.5 bar
0.15…1.5 bar
16 bar
Sensor
DCMV6
0.5…6 bar
0.25…2.0 bar
16 bar
housing
DCMV625
0.5…6 bar
0.25…2.0 bar
25 bar
1.4104
DCMV10
1…10 bar
0.5…2.8 bar
25 bar
+
DCMV16
3…16 bar
0.7…3.5 bar
25 bar
Pressure
DCMV25
4…25 bar
1.3…6.0 bar
60 bar
bellow
DCMV40
8…40 bar
2.6…6.6 bar
60 bar
1.4571
1 + 16
DCMV63
16…63 bar
3.0…10 bar 130 bar
For smaller pressure ranges see also VCM, DGM, HCD and DPS sheets.
For additional functions refer page 30 – 32.
Calibration
The
DCM series is calibrated for falling pressure. This means that the adjustable switching pressure on
the scale corresponds to the switching point at falling pressure. The reset point is higher by the amount
of the switching differential. (See also page 27, 1. Calibration at lower switching point).
1 + 18
1 + 18
1 + 17
1 + 17
1 + 16
-DCM/DNM
see page 65
Technical data
Pressure connection
External thread G 1/2 (pressure gauge
connection) according to DIN 16 288 and inter-
nal thread G 1/4 according to ISO 228 Part 1.
Switching device
Robust housing (200) made of seawater-
resistant diecast aluminium GD Al Si 12.
Protection class
IP 54, in vertical position.
Pressure sensor materials
DNM025…DCM63 Metal bellows: 1.4571
Sensor housing: 1.4104
DCM025 – DCM 1 Metal bellows: Cu Sensor
housing: Cu + Ms
DCM4016/
Diaphragm: Perbunan
DCM4025
Sensor housing: 1.4301
DCM1000
Diaphragm: Perbunan
Sensor housing: Brass
Mounting position
Vertically upright and horizontal. DCM4016
and 4025 vertically upright.
Ambient temp. at switching device
–25…+70 °C, except: DCM4016,
4025, 1000: –15…+60 °C
Max. medium temperature
The maximum medium temperature at the
pressure sensor must not exceed the
permitted ambient temperature at the
switching device. Temperatures may reach
85°C for short periods). Higher medium
temperatures are possible provided the above
limit values for the switching device are
ensured by suitable measures (e.g. siphon).
Mounting
Directly on the pressure line (pressure
gaugeconnection) or on a flat surface with two
4 mm Ø screws.
Switching pressure
Adjustable from outside with screwdriver.
Switching differential
Not adjustable with DCM and types. Adjustable
from outside with DCMV types. For values see
Product Summary.
Contact arrangement
Single-pole changeover switch.


Similar Part No. - VCM301

ManufacturerPart #DatasheetDescription
logo
Yealink Inc.
VCM38 YEALINK-VCM38 Datasheet
625Kb / 3P
Clearer and Smoother Audio Experience
More results

Similar Description - VCM301

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
EPS120-1 SYSTEMSENSOR-EPS120-1 Datasheet
160Kb / 2P
Supervisory Pressure Switches
logo
List of Unclassifed Man...
6819-01 ETC2-6819-01 Datasheet
848Kb / 20P
Pressure & Vacuum Switches
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
PRESSURE SWITCHES
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com