Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3316 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD3316 Datasheet HTML 5Page - NXP Semiconductors PCD3316 Datasheet HTML 6Page - NXP Semiconductors PCD3316 Datasheet HTML 7Page - NXP Semiconductors PCD3316 Datasheet HTML 8Page - NXP Semiconductors PCD3316 Datasheet HTML 9Page - NXP Semiconductors PCD3316 Datasheet HTML 10Page - NXP Semiconductors PCD3316 Datasheet HTML 11Page - NXP Semiconductors PCD3316 Datasheet HTML 12Page - NXP Semiconductors PCD3316 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
9 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
a.
Standard oscillator: quartz or PXE.
b.
Oscillator: quartz or PXE with external capacitors.
c.
External clock: square wave.
d.
External clock: sine wave.
Fig 6.
3.58 MHz oscillator configurations.
handbook, halfpage
MGK725
HXIN
1
HXOUT
2
PCD3316
handbook, halfpage
MGK726
HXIN
1
C1e
C2e
HXOUT
2
PCD3316
handbook, halfpage
MGK727
HXIN
3.58 MHz
square wave
1
HXOUT
2
PCD3316
handbook, halfpage
MGK728
HXIN
3.58 MHz
sine wave
1
HXOUT
2
PCD3316
C1e and C2e are the external load capacitances
(see Figure 6b). Normally, they are not needed
due to integrated load capacitances of 10 pF;
see curve (2).
(1)
C1e =C2e =22pF.
(2)
C1e =C2e = 0 pF.
(3)
C1e =C2e =12pF.
For correct function of the oscillator, the values
of R1 and C0 of the chosen resonator (quartz or
PXE) must be below the related curve lines
shown in Figure 7a. The value of the parallel
resistor R0 must be less than 47 k
Ω.
The wiring between chip and resonator should
be kept as short as possible.
a.
Resonator requirements for the ACO.
b.
Resonator equivalent circuit.
Fig 7.
Resonator requirements and equivalent circuit.
handbook, halfpage
0
(1)
(2)
C0 (pF)
20
40
80
500
0
R1
(
Ω)
400
60
300
200
100
MBK948
(3)
handbook, halfpage
C1
C0
L1
R1
R0
MBK947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com