Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3316 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCD3316 Datasheet HTML 22Page - NXP Semiconductors PCD3316 Datasheet HTML 23Page - NXP Semiconductors PCD3316 Datasheet HTML 24Page - NXP Semiconductors PCD3316 Datasheet HTML 25Page - NXP Semiconductors PCD3316 Datasheet HTML 26Page - NXP Semiconductors PCD3316 Datasheet HTML 27Page - NXP Semiconductors PCD3316 Datasheet HTML 28Page - NXP Semiconductors PCD3316 Datasheet HTML 29Page - NXP Semiconductors PCD3316 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
© Philips Electronics N.V. 1999.
Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner.
The information presented in this document does not form part of any quotation or
contract, is believed to be accurate and reliable and may be changed without notice. No
liability will be accepted by the publisher for any consequence of its use. Publication
thereof does not convey nor imply any license under patent- or other industrial or
intellectual property rights.
Date of release: 11 March 1999
Document order number: 9397 750 04824
Contents
1
General description. . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3
Applications. . . . . . . . . . . . . . . . . . . . . . . . 2
4
Ordering information . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . 3
6
Pinning information . . . . . . . . . . . . . . . . . 3
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . 4
7
Functional description . . . . . . . . . . . . . . . 4
7.1
Preprocessor and analog inputs. . . . . . . . 4
7.2
CAS detection . . . . . . . . . . . . . . . . . . . . . 5
7.3
FSK reception. . . . . . . . . . . . . . . . . . . . . . 5
7.4
Ring or polarity change detector . . . . . . . 6
7.5
Low battery detection . . . . . . . . . . . . . . . . 6
7.6
Level detect . . . . . . . . . . . . . . . . . . . . . . . 7
7.7
Time base. . . . . . . . . . . . . . . . . . . . . . . . . 7
7.8
Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . 7
7.9
The internal Power-on reset (POR) . . . . . 8
7.10
3.58 MHz oscillator circuitry . . . . . . . . . . . 8
7.11
32 kHz oscillator . . . . . . . . . . . . . . . . . . . 10
7.12
Serial interface . . . . . . . . . . . . . . . . . . . . 10
7.12.1
Characteristics of the I2C-bus
. . . . . . . . . 10
7.12.2
START and STOP conditions
. . . . . . . . . 11
7.12.3
Bit transfer
. . . . . . . . . . . . . . . . . . . . . . . 11
7.12.4
Acknowledge
. . . . . . . . . . . . . . . . . . . . . 11
7.12.5
I2C-bus protocol
. . . . . . . . . . . . . . . . . . . 12
7.12.6
I2C-bus bit rate
. . . . . . . . . . . . . . . . . . . . 14
7.13
Registers . . . . . . . . . . . . . . . . . . . . . . . . 15
7.13.1
Interrupt register (CIDINT)
. . . . . . . . . . . . 15
7.13.2
FSK data register (CDFSK)
. . . . . . . . . . . 16
7.13.3
Status register (CIDSTA)
. . . . . . . . . . . . . 16
7.13.4
Ringer period register (CIDRNG)
. . . . . . . 16
7.13.5
Mode register 1 (CIDMD1)
. . . . . . . . . . . . 17
7.13.6
Mode register 2 (CIDMD2)
. . . . . . . . . . . . 17
8
Limiting values . . . . . . . . . . . . . . . . . . . . 18
9
Characteristics . . . . . . . . . . . . . . . . . . . . 18
10
Application information . . . . . . . . . . . . . 22
11
Test information . . . . . . . . . . . . . . . . . . . 23
11.1
Application note on Customer
Premises Equipment (CPE) testing . . . . 23
12
Package outline . . . . . . . . . . . . . . . . . . . . 24
13
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . 25
13.1
Introduction to soldering surface mount
packages . . . . . . . . . . . . . . . . . . . . . . . . 25
13.2
Reflow soldering. . . . . . . . . . . . . . . . . . . 25
13.3
Wave soldering. . . . . . . . . . . . . . . . . . . . 25
13.4
Manual soldering . . . . . . . . . . . . . . . . . . 26
13.5
Package related soldering information . . 26
14
Revision history . . . . . . . . . . . . . . . . . . . 27
Philips Semiconductors
PCD3316
CIDCW receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com