Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3316T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD3316T
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD3316T Datasheet HTML 2Page - NXP Semiconductors PCD3316T Datasheet HTML 3Page - NXP Semiconductors PCD3316T Datasheet HTML 4Page - NXP Semiconductors PCD3316T Datasheet HTML 5Page - NXP Semiconductors PCD3316T Datasheet HTML 6Page - NXP Semiconductors PCD3316T Datasheet HTML 7Page - NXP Semiconductors PCD3316T Datasheet HTML 8Page - NXP Semiconductors PCD3316T Datasheet HTML 9Page - NXP Semiconductors PCD3316T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
6 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
The FSK-OVR Error bit (Status register, bit 3) indicates that a previous byte is lost
due to an overrun. The FSK-FRM Error bit (Status register, bit 2) indicates an
incorrect start- or stop-bit. These frame errors indicate that there are synchronization
problems. The on-chip level detector can be used to detect a carrier loss during FSK
transmission. FSK data can be rejected when the signal level is below the reference
level, this to avoid that noise is interpreted as data (Interrupt register, bit 4 is logic 1).
7.4 Ring or polarity change detector
For ring and polarity change detection two comparators are available in the
PCD3316. The reference level of the comparators is set internally by the reference
voltage generator. The voltage levels on the two polarity comparator inputs, POL0
and POL1, are compared with the reference voltage Vref. If POL0 < Vref or
POL1 > Vref, POL0 and POL1 (Status register, bit 7 and 6) are set respectively and
reset if POL0 > Vref and POL1 < Vref. Every time the POL0 status bit changes from
logic 1 to logic 0, a POL0 interrupt is generated. Every time the POL1 status bit
changes from logic 0 to logic 1, a POL1 interrupt is generated.
The period time of a POL1-POL0-POL1 sequence is available in the Ringer period
register. It is preset to 255 on power-on and updated every time a POL1 interrupt is
generated. The sequence is:
1. Power-on: Ringer period register = 255
2. First POL1 interrupt: Ringer period register = 255
3. First POL1 interrupt after a POL0 interrupt: Ringer period register = new time
4. First POL1 interrupt after more than 255
⁄
2048 s: Ringer period register = 255.
The period is given in multiples of 1
⁄
2048 s. The maximum value is 255.
The POL1-POL0-POL1 sequence is recognized when one or more POL1 interrupts
are generated followed by one or more POL0 interrupts, followed by a POL1 interrupt.
The 32.768 kHz clock is needed for the generation of a polarity interrupt.
7.5 Low battery detection
The low battery voltage detection input (pin LOWBAT) is connected to the positive
input of a comparator. The negative input is connected to the internal reference
voltage. If the voltage on the LOWBAT input pin is less than the reference voltage Vref,
the LOW-BAT Indication (Status register, bit 5) is set. If the LOWBAT input rises
above Vref again, the LOW-BAT Indication is cleared.
Fig 4.
IRQ generation after reading a valid data byte.
handbook, full pagewidth
MBH981
START
IRQ
read by
serial interface
D0
D1
D2
D3
D4
D5
D6
D7
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com