Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD3316T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD3316T
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3316T Datasheet HTML 3Page - NXP Semiconductors PCD3316T Datasheet HTML 4Page - NXP Semiconductors PCD3316T Datasheet HTML 5Page - NXP Semiconductors PCD3316T Datasheet HTML 6Page - NXP Semiconductors PCD3316T Datasheet HTML 7Page - NXP Semiconductors PCD3316T Datasheet HTML 8Page - NXP Semiconductors PCD3316T Datasheet HTML 9Page - NXP Semiconductors PCD3316T Datasheet HTML 10Page - NXP Semiconductors PCD3316T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
7 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
The 32.768 kHz clock signal must be available. The LOW-BAT Indication bit does not
generate interrupts, thus the bit should be polled.
7.6 Level detect
When the input signal level on the FSK or the CAS input (the one that is selected) is
below a threshold of typically
−40 dBm, the Low Level Status bit will be set (Interrupt
register, bit 4). The level detector can be used to observe a carrier loss during FSK
transmission and to detect the ‘Idle State Tone Alert Signal’ for British Telecom. The
signal power on the input can be monitored by polling the register bit since it will not
generate an interrupt. Signal power is measured in a frequency band corresponding
to the selected operation mode, FSK (1000 to 2200 Hz) or CAS (2000 to 2800 Hz).
The Low Level Status bit will be updated every 8 ms. When FSK and CAS are both
disabled the signal level on the FSK input is measured. The 32.768 kHz clock signal
must be available.
7.7 Time base
The 32.768 kHz oscillator is used to generate either a 1 second or a 1 minute
interrupt signal. If the TB on/off bit is set (Mode register 2, bit 6) every second or
minute an interrupt is generated and MIN Interrupt and/or SEC Interrupt bits
(Interrupt register, bit 7 and 6) are set. After reading the Interrupt register the interrupt
is cleared.
The SEC/MIN (Mode register 2, bit 5) selects whether every second (SEC/MIN is set)
or every minute (SEC/MIN is cleared) an interrupt is generated. All possible
selections are shown in Table 3. Resetting bit TB on/off in Mode register 2 (bit 6) will
only disable time base interrupts, and the 32.768 kHz oscillator will continue to run.
7.8 Interrupt
The interrupt request output (IRQ) is active HIGH by default. The polarity of the IRQ
output can be made active LOW by the INT Polarity HIGH/LOW bit (Mode register 1,
bit 3). The IRQ pin is in 3-state when not active, so an external pull-up or pull-down
resistor is required. The interrupt cause is indicated by the flags in the Interrupt
register. Interrupt flags are set by hardware but must be reset by software. All flags of
the Interrupt register are reset when the register is read via I2C-bus interface.
The IRQ pin is deactivated at the positive edge of SCL which reads the first data bit of
the Interrupt register. The IRQ pin will stay inactive for one SCL cycle. IRQ can
handle a next interrupt after the next positive edge of SCL.
[1]
X = don’t care.
Table 3:
Selection of interrupt modes
Mode register 2 (CIDMD2)
Interrupt register (CIDINT)
Interrupt
TB on/off
(CIDMD2.6)
SEC/MIN
(CIDMD2.5)
MIN Interrupt
(CIDINT.7)
SEC Interrupt
(CIDINT.6)
0X [1]
0
0
no time base interrupt (time base is reset)
1
0
1
0
every minute an interrupt is generated; no second interrupt
1
1
1
1
every second an interrupt is generated; every minute an
interrupt is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com