Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4SD16M16 Datasheet(PDF) 49 Page - Austin Semiconductor

Part # AS4SD16M16
Description  256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD16M16 Datasheet(HTML) 49 Page - Austin Semiconductor

Back Button AS4SD16M16 Datasheet HTML 43Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 44Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 45Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 46Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 47Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 48Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 49Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 50Page - Austin Semiconductor AS4SD16M16 Datasheet HTML 51Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD16M16
Austin Semiconductor, Inc.
AS4SD16M16
Rev. 1.0 11/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
49
WRITE - DQM OPERATION1
*CAS latency indicated in parentheses.
NOTES:
1. For this example, the burst length = 4.
2. A9, A11, and A12 = “Don’t Care”
TIMING PARAMETERS
MIN
MAX
MIN
MAX
tAH
0.8
ns
tCKS
1.5
ns
tAS
1.5
ns
tCMH
0.8
ns
tCH
2.5
ns
tCMS
1.5
ns
tCL
2.5
ns
tDH
0.8
ns
tCK(3)
7.5
ns
tDS
1.5
ns
tCK(2)
10
ns
tRCD
20
ns
tCKH
0.8
ns
-75
UNITS
-75
SYMBOL*
UNITS
SYMBOL*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com