Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5013 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 45Page - NXP Semiconductors PCD5013 Datasheet HTML 46Page - NXP Semiconductors PCD5013 Datasheet HTML 47Page - NXP Semiconductors PCD5013 Datasheet HTML 48Page - NXP Semiconductors PCD5013 Datasheet HTML 49Page - NXP Semiconductors PCD5013 Datasheet HTML 50Page - NXP Semiconductors PCD5013 Datasheet HTML 51Page - NXP Semiconductors PCD5013 Datasheet HTML 52Page - NXP Semiconductors PCD5013 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
1999 Apr 12
49
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.7.8.4
Hex/binary message
FLEX
™ hexadecimal/binary messages may be encoded
using any word size (blocking length) in the
range 1 to 16 bits. Words are placed in codewords along
with additional information about the message as
described in Tables 55 and 56 and these definitions.
The message data in Tables 55 and 56 have blocking
lengths of 4 bits; words are designated lower case letters
a, b, c, d etc.
Hexadecimal/binary messages can be sent as fragments.
See Section 8.8.6 for a description of message
fragmentation. Messages and message fragments are
terminated, or interrupted in the case of a non-terminating
fragment, on the last full character boundary in the last
codeword. Unused bits are cleared if the last valid data bit
is logic 1, or set if the last valid data bit is logic 0. If the
terminating fragment exactly fills its last codeword, an
additional codeword is sent to indicate the location of the
last character. This codeword is filled with logic 0s if the
last valid data bit is logic 1 and filled with logic 1s if the last
valid data bit is logic 0.
Fields K to N make up the first word of a message and the
first word of every fragment in a long message.
K: 12-bit fragment checksum (Tables 55 and 56).
See Section 8.8.7 for a description of message
checksums.
C: 1-bit message continued flag (Tables 55 and 56).
When this bit is set, fragments of this message are to be
expected in following frames. See Section 8.8.6 for a
description of message fragmentation.
F: 2-bit message fragment number (Tables 55 and 56).
This is a modulo 3 message fragment number which is
incremented by 1 in successive message fragments.
See Section 8.8.6 for a description of message
fragmentation.
N: message number (Tables 55 and 56).
See Section 8.8.8 for a description of message
numbering.
H: 1-bit header message flag (Table 55). It is a header
message only when this bit is set, otherwise it is a data
message. A header message is a displayable tag
associated with a non-displayable data message.
The header message (which is sent first) and the data
message, both have the same message number.
The second codeword of the first fragment of a hex/binary
message contains fields R to S. These fields are only
transmitted in the first fragment of a message.
R: message retrieval flag (Table 55). When this bit is set,
the pager expects this message to be numbered.
See Section 8.8.8 for a description of message
numbering.
s: 5-bit field reserved for future use (Table 55).
Default value = 00000.
M: 1-bit mail drop flag, see Table 55. When this bit is set,
the message is to be stored in a special area in memory to
overwrite existing data in the same memory space.
D: 1-bit display direction field (Table 55). D = 0 display left
to right, D = 1 display right to left (valid only when data sent
as characters i.e. blocking length not equal 0001).
B: 4-bit blocking length (Table 55). Indicates bits per
character. B3B2B1B0 = 0001 = 1-bit per character
(binary/transparent data), 1111 = 15 bits per character,
0000 = 16 bits per character. Data with a blocking length
other than 1 is assumed to be displayed on a character by
character basis (default value = 0001). Note: Tables 55
and 56 show B = 4-bit blocking length.
S: 8-bit signature field (Table 55). The 1’s complement of
the binary sum, taken 8 bits at a time, over the total
message prior to formatting into fragments. The first 8 bits
following the signature field are summed with the following
8 bits, b3b2b1b0a3a2a1a0 +d3d2d1d0c3c2c1c0, etc.
continuing to the last valid data bit in the last word of the
last fragment (the sum does not include termination bits).
The 8 LSBs of the result are inverted (1’s complement)
and transmitted as the message signature.
8.7.8.5
Secure message
FLEX
™ secure messages are encoded using the 7-bit
FLEX
™ alphanumeric character set (Section 8.7.8.3).
These characters are placed in codewords along with
additional information about the message as described in
Table 57 and the following definitions. In Table 57, 7-bit
characters of the message are designated lower case
letters a, b, c, d etc.
Secure messages follow the same fragmentation and
termination rules as alphanumeric messages
(Section 8.7.8.3).
K: 10-bit fragment checksum (Table 57).
See Section 8.8.7 for a description of message
checksums.
C: 1-bit message continued flag (Table 57). When this bit
is set, fragments of this message are to be expected in
following frames. See Section 8.8.6 for a description of
message fragmentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com