Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5013 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5013 Datasheet HTML 1Page - NXP Semiconductors PCD5013 Datasheet HTML 2Page - NXP Semiconductors PCD5013 Datasheet HTML 3Page - NXP Semiconductors PCD5013 Datasheet HTML 4Page - NXP Semiconductors PCD5013 Datasheet HTML 5Page - NXP Semiconductors PCD5013 Datasheet HTML 6Page - NXP Semiconductors PCD5013 Datasheet HTML 7Page - NXP Semiconductors PCD5013 Datasheet HTML 8Page - NXP Semiconductors PCD5013 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
1999 Apr 12
3
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
1
FEATURES
• FLEX™ paging protocol decoder
• 16 programmable user address words
• 16 fixed temporary addresses
• 16 operator messaging addresses
• 1600, 3200 and 6400 bits/s decoding
• Any-phase or single-phase decoding
• Uses standard Serial Peripheral Interface (SPI) in slave
mode
• SSID and NID roaming support
• Backward compatible to the standard and roaming
FLEX
™ decoder ICs
• Allows low current power-down mode operation of host
processor
• Highly programmable receiver control
• Real-time clock time base
• FLEX™ fragmentation and group messaging support
• Real-time clock over-the-air update support
• Compatible with synthesized receivers
• Low battery indication (external detector)
• Low cost LQFP32 plastic package
• Optional internal 4-level FSK demodulator and data
slicer
• Operates using a 76.8 or 160 kHz crystal
• Very low power consumption
• Operates at low supply voltage
• Full support for revision 1.9 of the FLEX™ protocol.
2
APPLICATIONS
• Numeric FLEX™ pagers
• Alphanumeric FLEX™ pagers
• Roaming FLEX™ pagers
• Remote metering
• Car security systems
• Personal digital assistants.
3
GENERAL DESCRIPTION
This data sheet describes the operation of the PCD5013
integrated paging decoder. It is fully compatible with other
FLEXchip
™ ICs including the PCD5008.
The PCD5013, also referred to as the decoder, simplifies
implementation of a FLEX
™ paging device, by being able
to interface with several off-the-shelf paging receivers and
host microcontrollers/processors. Its primary function is to
process information received and demodulated from a
FLEX
™ radio paging channel, select messages addressed
to the paging device and communicate the message
information to the host.
The PCD5013 fully supports the FLEX
™ protocol
(version G1.9) including all roaming aspects.
Motorola FLEXstack
™ software, installed on the product
host processor, communicates with the PCD5013 and
interprets the codewords that are passed to the host.
The PCD5013 operates the paging receiver in an efficient
power consumption mode and enables the host to operate
in a low-power mode when monitoring a single channel for
message information.
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
1.8
2.2
3.6
V
IDD
supply current
see Chapters 12 and 14
−
6.0
−µA
Tamb
operating ambient temperature
−25
+25
+70
°C
fEXTAL
external clock frequency
internal demodulator not in use
−
76.8
−
kHz
internal demodulator in use
−
160.0
−
kHz
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5013H
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com