Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5042 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD5042
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5042 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD5042 Datasheet HTML 5Page - NXP Semiconductors PCD5042 Datasheet HTML 6Page - NXP Semiconductors PCD5042 Datasheet HTML 7Page - NXP Semiconductors PCD5042 Datasheet HTML 8Page - NXP Semiconductors PCD5042 Datasheet HTML 9Page - NXP Semiconductors PCD5042 Datasheet HTML 10Page - NXP Semiconductors PCD5042 Datasheet HTML 11Page - NXP Semiconductors PCD5042 Datasheet HTML 12Page - NXP Semiconductors PCD5042 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1996 Oct 31
9
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5042
6
FUNCTIONAL DESCRIPTION (see Fig.1)
The PCD5042 has dedicated hardware blocks containing
logic for time-critical functions requiring bit or byte-time
accuracy. Other functions requiring only slot-time
accuracy are performed by software in the
Preprogrammed Communication Controller (PCC). This
approach offers maximum flexibility during prototyping.
6.1
Internal bus and data memory
6.1.1
INTERNAL BUS
The function of the internal bus is:
• To provide access for all functional blocks to the
common data memory
• To provide access for the microcontroller-interface and
the PCC to all other functional blocks.
All functional blocks (speech-interface, RF-interface,
microcontroller-interface and PCC) can autonomously use
the internal bus to communicate with the common data
memory.
A bus controller is used to handle the bus priority
mechanism. When several blocks request access
simultaneously, the request with the highest priority is
handled first.
6.1.2
DATA MEMORY
A large part of the data memory is used for the bit rate
adaptation between the DECT radio interface and the
speech interface. The data memory also acts as the main
communication interface between the external
microprocessor and the PCC.
6.2
Clock generation and correction (see Fig.4)
The device has an on-chip 13.824 MHz crystal oscillator.
From this source, a few frequencies are derived for internal
and external use. Frequencies generated for external use
are:
• 13.824 MHz for the synthesizer reference
(pin REF_CLK). This output is only provided if the
synthesizer power-down control (output on
pin S_POWER_DWN) is not selected.
• 0.144 to 13.824 MHz for the microcontroller clock
(pin PROC_CLK)
• 3.456 MHz for the ADPCM CODEC (pin CLK3)
• 1200 Hz (pin 1200_HZ) for dual synthesizer switching
• 100 Hz (pin CLK100) indicates start of frame.
Nominally, the frequency on pin CLK3 is 3.456 MHz. This
frequency is obtained by dividing the crystal frequency by
4. Sometimes, the crystal frequency will be divided by 3
or by 5, to synchronize the combination of the ADPCM
CODEC and the device to an external source. External
synchronization for base station applications is achieved
as follows:
• Master base station. The master base station provides
a 100 Hz signal to slave base stations on pin
SYNCPORT. If the PCD5042 is connected to a digital
interface (32-slot mode speech interface), the external
synchronization will be done on the incoming 8 kHz
signal. If it is connected to an analog line (12-slot mode
speech interface), it will use its own crystal oscillator as
reference.
• Slave base station. The slave base station will use the
incoming SYNCPORT signal as synchronization
reference.
6.3
Programmable communication controller and
program memory
6.3.1
PCC
The PCC is a RISC-type controller and is used to control
functions which are slot-time accurate. It is well suited for
bit manipulation, and runs at a clock frequency of
6.912 MHz (equivalent to 3.4 Mips). After finishing a task,
it switches to a power saving state, from which it returns
after a pre-programmed time.
6.3.2
PCC FUNCTIONS
The most important functions of the PCC are to:
• Perform the appropriate actions on received messages:
PMID and FMID checking, RFPI checking, TBC
handling
• Prepare A-field messages for transmission
• Prepare the RF-interface for the coming slot
• Perform the procedures for RSSI and set-up scan,
maintain scan counters and timers, assemble the RSSI
field in the common data memory
• Filter events and indicate them to the microcontroller by
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com