Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5042 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD5042
Description  DECT burst mode controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5042 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD5042 Datasheet HTML 15Page - NXP Semiconductors PCD5042 Datasheet HTML 16Page - NXP Semiconductors PCD5042 Datasheet HTML 17Page - NXP Semiconductors PCD5042 Datasheet HTML 18Page - NXP Semiconductors PCD5042 Datasheet HTML 19Page - NXP Semiconductors PCD5042 Datasheet HTML 20Page - NXP Semiconductors PCD5042 Datasheet HTML 21Page - NXP Semiconductors PCD5042 Datasheet HTML 22Page - NXP Semiconductors PCD5042 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
1996 Oct 31
19
Philips Semiconductors
Objective specification
DECT burst mode controller
PCD5042
Oscillator (inputs XTAL1 and XTAL2)
gm
transconductance
VDD = 2.7 V
0.6
−−
mS
VDD = 3.6 V
−
1.6
−
mS
RF
feedback resistance
200
500
k
Ω
RSSI Peak detector (6-bit linear A-D converter, for RSSI measurement on input RSSI_AN)
Vi(RSSI_AN)
input level
0
−
VDD
V
Vconv(RSSI_AN) voltage conversion range
0
−
VREF
V
Vi(VREF)
VREF input voltage
1.0
3.0
VDD
V
Zi(VREF)
VREF input impedance
during power-down high
impedance
−
50
−
k
Ω
tconv
conversion time
18.4
−−
µs
integral non-linearity
−−
4
LSB
differential non-linearity
note 3
−
0.2
1.5
LSB
Zi(RSSI_AN)
input impedance RSSI_AN
−
1
−
M
Ω
PCD5042HZ comparator characteristics
IDD(stb)(comp)
supply current (standby)
note 4
−
10
−µA
IDD(idle)(comp)
supply current (idle)
VDD = 3.0 V; note 4
−
135
−µA
IDD(1MHz)
supply current (1 MHz)
VDD = 3.0 V; note 4
−
350
−µA
ILI(comp)
input leakage current
note 5
−−
1
µA
Ci
input capacitance
note 5
−
10
−
pF
Rpu
pullup resistance
note 6
−
200
−
k
Ω
Vcm
input common mode range
note 7
1.0
−
VDD − 0.5 V
Vos
max. input offset voltage
note 8
−
5
−
mV
tpd
propagation delay
note 9
−
100
200
ns
∆tpd
delay difference
note 8 and 9
−
10
−
ns
VOL(comp)
output level LOW
IO =2mA
−−
0.4
V
VOH(comp)
output level HIGH
IO =2mA
VDD − 0.4 −−
V
tr
output rise time
CL =50pF
−
15
−
ns
tf
output fall time
CL =50pF
−
15
−
ns
ten
enable time
−−
8
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com