Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4650 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices LTM4650 Datasheet HTML 12Page - Analog Devices LTM4650 Datasheet HTML 13Page - Analog Devices LTM4650 Datasheet HTML 14Page - Analog Devices LTM4650 Datasheet HTML 15Page - Analog Devices LTM4650 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTM4650-2
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Output Capacitors
The LTM4650-2 is designed for low output voltage rip-
ple noise and good transient response. The bulk output
capacitors defined as COUT are chosen with low enough
effective series resistance (ESR) to meet the output volt-
age ripple and transient requirements. COUT can be a low
ESR tantalum capacitor, a low ESR polymer capacitor or
a ceramic capacitor. The typical output capacitance range
for each output is from 400µF to 600µF. Additional out-
put filtering may be required by the system designer, if
further reduction of output ripples or dynamic transient
spikes is required. Table 4 shows a matrix of different
output voltages and output capacitors to minimize the
voltage droop and overshoot during a 12.5A (25%) and
25A (50%) load step transient. Table 4 optimizes total
equivalent ESR and total bulk capacitance to optimize the
transient performance. Stability criteria are considered in
the Table 4 matrix, and the Analog Devices LTpowerCAD®
design tool will be provided for stability analysis. In multi
LTM4650-2 paralleling applications, Table 4 RC compen-
sation value is still valid in terms of having one set of RC
filters on each of the paralleling modules while connecting
all the COMP, FB and VOUT pins together. See Figure 29
and the Multiphase Operation section. The multiphase
operation will reduce effective output ripple as a function
of the number of phases. Application Note 77 discusses
this noise reduction versus output ripple current cancel-
lation, but the output capacitance should be considered
carefully as a function of stability and transient response.
The Analog Devices LTpowerCAD design tool can calculate
the output ripple reduction as the number of implemented
phases increases by N times. A small value 10Ω to 50Ω
resistor can be placed in series from VOUT to the VOUTS pin
to allow for a bode plot analyzer to inject a signal into the
control loop and validate the regulator stability. The same
resistor could be placed in series from VOUT to DIFFP, and
a bode plot analyzer could inject a signal into the control
loop and validate the regulator stability.
Burst Mode Operation
The LTM4650-2 is capable of Burst Mode operation on
each regulator in which the power MOSFETs operate inter-
mittently based on load demand, thus saving quiescent
current. For applications where maximizing the efficiency
at very light loads is a high priority, Burst Mode opera-
tion should be applied. Burst Mode operation is enabled
with the MODE_PLLIN pin floating. During this operation,
the peak current of the inductor is set to approximately
one-third of the maximum peak current value in normal
operation, even though the voltage at the COMP pin indi-
cates a lower value. The voltage at the COMP pin drops
when the inductor’s average current is greater than the
load requirement. As the COMP voltage drops below 0.5V,
the BURST comparator trips, causing the internal sleep
line to go high and turn off both power MOSFETs.
In sleep mode, the internal circuitry is partially turned
off, reducing the quiescent current to about 450µA for
each output. The load current is now being supplied from
the output capacitors. When the output voltage drops,
causing COMP to rise above 0.5V, the internal sleep line
goes low, and the LTM4650-2 resumes normal opera-
tion. The next oscillator cycle will turn on the top power
MOSFET, and the switching cycle repeats. Either regulator
can be configured for Burst Mode operation.
Pulse-Skipping Mode Operation
In applications where low output ripple and high efficiency
at intermediate currents are desired, pulse-skipping
mode should be used. Pulse-skipping operation allows
the LTM4650-2 to skip cycles at low output loads, thus
increasing efficiency by reducing switching loss. Tying
the MODE_PLLIN pin to INTVCC enables pulse-skipping
operation. At light loads, the internal current compara-
tor may remain tripped for several cycles and force the
top MOSFET to stay off for several cycles, thus skipping
cycles. The inductor current does not reverse in this
mode. This mode will maintain higher effective frequen-
cies thus lower output ripple and lower noise than Burst
Mode operation. Either regulator can be configured for
pulse-skipping mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com