Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4650 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 24Page - Analog Devices LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices LTM4650 Datasheet HTML 27Page - Analog Devices LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices LTM4650 Datasheet HTML 30Page - Analog Devices LTM4650 Datasheet HTML 31Page - Analog Devices LTM4650 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTM4650-2
28
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 25. 2-Phase, 1V at 50A Design
46502 F25
LTM4650-2
VIN
TEMP
RUN1
RUN2
RUN
MONITOR
TEMP
TRACK1
TRACK
TRACK2
fSET
R5
90.9k
COUT1
220µF
4V
×6
PHASMD
VOUT1
VOUT2
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
VOUT2
VOUTS2
SW2
PGOOD2
PGOOD
MODE_PLLIN CLKOUT INTVCC EXTVCC PGOOD1
PGOOD
R2
10k
INTVCC
SGND
GND
DIFFN
DIFFP
DIFFOUT
R4
121k
C9
0.1µF
CIN
22µF
25V
×4
C10
4.7µF
INTVCC
VIN
4.5V TO 15V
VOUT
1V,
50A
SEE TABLE 4 FOR MORE DETAILS
68pF
3.24k
10nF
33pF
Figure 24. Typical 4.5VIN to 15VIN, 1.5V and 1.2V at 25A Outputs
46502 F24
LTM4650-2
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
RFB2
60.4k
R2
10k
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
SW2
PGOOD2
MODE_PLLIN CLKOUT INTVCC EXTVCC PGOOD1
PGOOD1
INTVCC
SGND
GND
TRACK1
TRACK2
DIFFN
DIFFP DIFFOUT
RFB1
40.2k
PGOOD2
VOUT2
1.2V, 25A
COUT3
100µF
6.3V
COUT4
470µF
6.3V
R4
121k
R7
100k
C5
0.1µF
C9
0.1µF
C1
22µF
25V
×4
C10
4.7µF
VOUT1
1.5V, 25A
R3
10k
INTVCC
+
CIN
(OPT)
VIN
4.5V TO 15V
INTVCC
+
COUT1
100µF
6.3V
COUT2
470µF
6.3V
+
6.49k
4700pF
6.49k
4700pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com