Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD5096H
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD5096H Datasheet HTML 9Page - NXP Semiconductors PCD5096H Datasheet HTML 10Page - NXP Semiconductors PCD5096H Datasheet HTML 11Page - NXP Semiconductors PCD5096H Datasheet HTML 12Page - NXP Semiconductors PCD5096H Datasheet HTML 13Page - NXP Semiconductors PCD5096H Datasheet HTML 14Page - NXP Semiconductors PCD5096H Datasheet HTML 15Page - NXP Semiconductors PCD5096H Datasheet HTML 16Page - NXP Semiconductors PCD5096H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
1997 Jan 22
13
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
8.3.2
CONTROL REGISTER 0 (CR0)
Table 4
Control Register 0 (address 78H)
Table 5
Control Register 0 (continued)
Table 6
Description of CR0 bits
15
14
13
12
11
10
9
8
−
DISPC
CDC2TM2
CDC2TM1
CDC2TM0
CDC1TM2
CDC1TM1
CDC1TM0
76543210
HFMICON
HSMICON
LHFEN
EHSEN
CDC2ON
ADD_DC
LIF1_EN
CDC1ON
BIT
SYMBOL
DESCRIPTION
15
−
reserved, not used
14
DISPC
Disable Phase Correction. If DISPC = 1, phase correction is disabled.
13
CDC2TM2
Functional test modes of Codec 2. These 3 bits select the functional test modes of
Codec 2; see Table 7.
12
CDC2TM1
11
CDC2TM0
10
CDC1TM2
Functional test modes of Codec 1. These 3 bits select the functional test modes of
Codec 1; see Table 7.
9
CDC1TM1
8
CDC1TM0
7
HFMICON
Hands-free Microphone ON in Codec 2. When this bit is set the internal microphone
reference voltage VREFMIC is connected to pad VMIC_HF (supply pad for the external
hands-free microphone).
6
HSMICON
Handset Microphone ON in Codec 2. When this bit is set the internal microphone
reference voltage VREFMIC is connected to pad VMIC_HS (supply pad for the external
handset microphone).
5
LHFEN
Loudspeaker Enable for hands-free. This bit enables the Noise Shaper data in
Codec 2 to the hands-free pads EARP_HF and EARM_HF.
4
EHSEN
Earpiece Enable for Handset. This bit enables the Noise Shaper data to the DAC in
Codec 2.
3
CDC2ON
Codec 2 ON. When CDC2ON = 1, Codec 2 is ON.
2
ADD_DAC
Add a DC offset in the microphone amplifier of Codec 1.
1
LIF1_EN
Line Interface Enable for Codec 1. This bit enables the Noise Shaper data to the DAC
in Codec 1.
0
CDC1ON
Codec 1 ON. When CDC1ON = 1, Codec 1 is ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com