Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5096H
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096H Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5096H Datasheet HTML 1Page - NXP Semiconductors PCD5096H Datasheet HTML 2Page - NXP Semiconductors PCD5096H Datasheet HTML 3Page - NXP Semiconductors PCD5096H Datasheet HTML 4Page - NXP Semiconductors PCD5096H Datasheet HTML 5Page - NXP Semiconductors PCD5096H Datasheet HTML 6Page - NXP Semiconductors PCD5096H Datasheet HTML 7Page - NXP Semiconductors PCD5096H Datasheet HTML 8Page - NXP Semiconductors PCD5096H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
1997 Jan 22
3
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
1
FEATURES
• Applications in digital terminal equipment featuring line
interface and/or voice functions
• Digital signal processor performing echo cancellation,
codec functions and dial tone detection
• Two independent receive and transmit channels
• Independent programmable gain for all analog inputs
and outputs
• Programmable filter correction functions
• Flexible configuration of all functions
• IOM-2 serial data interface (slave mode only)
• Serial data interface to DTAM speech compression ICs
• 400 kHz I2C-bus slave interface (four I2C-bus
subaddresses)
• Codec compatible with G.714 CCITT specification
• PCM A-Law/u-Law (G.711 CCITT) and 16-bit linear data
• Dual differential inputs and outputs performing the
following functions:
– Line interface connection
– Loudspeaker, speaker phone (hands-free)
– Earpiece, microphone (handset)
• Peripheral interface: two I/O pins
• Separate ringer function
• Tone and ringer generator
• Conference call
• QFP44 package
• Low voltage (2.7 to 3.6 V)
• Low power consumption.
2
GENERAL DESCRIPTION
The universal codec combines two high resolution
bidirectional analog channels with a DSP in a single chip.
Besides the analog interfaces the PCD5096 includes two
digital interfaces: an I2C-bus interface allowing an external
microcontroller to program the chip, and a 4-wire serial
interface compatible with IOM-2 and with DTAM speech
compression ICs. This programmable serial interface
offers up to 14 channels and is capable of handling 8-bit
(A-law) or 16-bit (linear PCM) data packages, or any
combination of them. It opens the scope for a wide
application area, for example in combination with the
PCD5093H DECT baseband chip for digital cordless
business applications.
Several PCD5096s can be connected together for small
switching systems (PABX) offering a combination of
corded and cordless functionality. Besides the basic
functions like echo cancellation for two channels the
on-chip DSP provides all necessary functions such as
conference call and DTMF.
3
APPLICATIONS
The PCD5096 is designed for the telecommunications
market and is targeting small business and residential
systems offering a two-line interface or a one-line interface
combined with hands-free speaker phone. Specific
applications are detailed in Chapter 12.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5096H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com