Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6001 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 13Page - NXP Semiconductors PCD6001 Datasheet HTML 14Page - NXP Semiconductors PCD6001 Datasheet HTML 15Page - NXP Semiconductors PCD6001 Datasheet HTML 16Page - NXP Semiconductors PCD6001 Datasheet HTML 17Page - NXP Semiconductors PCD6001 Datasheet HTML 18Page - NXP Semiconductors PCD6001 Datasheet HTML 19Page - NXP Semiconductors PCD6001 Datasheet HTML 20Page - NXP Semiconductors PCD6001 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
2001 Apr 17
17
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
Table 6 shows the input clock selection in the analog
section of the chip. Note that for 3.456 and 3.58 MHz
crystal input clock, no clock division is done prior to
inputting it to the PLL. After reset the input clock division
rate is by default 1. This means that applications using an
input clock frequency other than 3.456 or 3.580 MHz, will
have to set the proper division rate, after system start-up.
Otherwise proper functionality of the analog blocks is not
guaranteed.
Table 7 shows the microcontroller clock frequencies. In
Emergency mode (bit 7 of CKCON reset), the EMG_CLK
is input directly to the microcontroller. The values of
CKCON bits 2 and 3 are then irrelevant. Note that
Emergency mode operation is only designed for start-up
and POTS mode condition. Peripheral blocks (such as the
CODECs and the IOM block) are not guaranteed to work
when CKCON bit 7 is reset.
Table 6
Input clock selection
Note
1. The PCD6001 timing system is based on the 3.456 MHz (or multiples) input clock frequency. In order to be able to
use the low cost 3.58 MHz crystal or ceramic resonator, a clock frequency correction is needed for some blocks
(RTC, CODEC and IOM). IOM will only operate in Master mode.
Table 7
Microcontroller clock selection
Notes
1. 6 clocks/cycle.
2. If the PLL is switched off when not in Emergency mode, the selected clock would not be available. The micro would
hang up. Before CKCON.7 is set to logic 1, SYMOD.5 must be set to logic 1 to activate the PLL.
CKCON.6
(RTC MODE)
SYMOD.7
(input clock 1)
SYMOD.6
(input clock 0)
INPUT CLOCK
DIVISION RATIO
CHIP INPUT CLOCK
FREQUENCY (MHz)
0001
3.456
1001
3.580(1)
0012
6.912
0104
13.824
CKCON.7
(EMG mode)
CKCON.3
(micro clock 1)
CKCON.2
(micro clock 0)
SYMOD.5
PLL on/off
MICROCONTROLLER
CLOCK FREQUENCY(1)
0
X
X
X
EMG_CLK
1
X
X
0
do not use(2)
1001
CLK_1
1011
CLK_7
1101
CLK_14
1111
CLK_21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com