Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6001 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCD6001
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6001 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCD6001 Datasheet HTML 31Page - NXP Semiconductors PCD6001 Datasheet HTML 32Page - NXP Semiconductors PCD6001 Datasheet HTML 33Page - NXP Semiconductors PCD6001 Datasheet HTML 34Page - NXP Semiconductors PCD6001 Datasheet HTML 35Page - NXP Semiconductors PCD6001 Datasheet HTML 36Page - NXP Semiconductors PCD6001 Datasheet HTML 37Page - NXP Semiconductors PCD6001 Datasheet HTML 38Page - NXP Semiconductors PCD6001 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
2001 Apr 17
35
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6001
10.8
The test registers CDTRx, PMTRx and TCTRL
The special function registers CDTR1, CDTR2, PMTR1, PMTR2 and TCTRL can put the DSP or CODECs into various
test modes. In these test modes normal operation is not guaranteed. The output behaviour of P3 can be changed and
the DSP test modes can lead to a higher current consumption and to malfunction of the DSP. Three bits however are
accessible by the user: CDTR2.0, PMTR2.0 and PMTR2.2. See Tables 29 and 30 for detailed description.
Table 29 CDTR2 (98H) bit assignment; reset state 00H
Table 30 PMTR2 (98H) bit assignment; reset state 00H
Notes
1. For minimum current consumption in POTS mode (telephone line supplied operation), two bits of these registers
have to be set (PMTR2.0 = 1, CDTR2.0 = 1).
2. For best noise performance of the Sigma Delta AD, chopping has to be enabled (PMTR2.2 = 1).
10.9
Interface to Timing and Control Block (TICB)
The interface to the TICB consists of the special function registers SPCON, CKCON and RTCON and the signals
microcontroller_CLK_EN, microcontroller_CLK, FS_event, Time_event and RTC_event. The signals are described in
Section 10.1.
10.10 Power and Interrupt Control Register (PCON)
Table 31 Power and Interrupt Control Register (SFR address 87H); reset state 00H
Table 32 Description of PCON bits
76543
2
1
0
reserved
reserved
reserved
reserved
reserved
reserved
reserved
avo_off(1)
76543
2
1
0
reserved
reserved
reserved
reserved
reserved
atc_chop_en(2)
reserved
avb_off(1)
76543
2
1
0
spare
ARD
spare
WLE/EW
GF1
GF0
PD
IDL
BIT
SYMBOL
DESCRIPTION
7
−
Spare, may be used as general purpose bit.
6
ARD
AUX-RAM Disable. If ARD = 1, then the access of a MOVX instruction to the 512 bytes
of the AUX-RAM is disabled. If ARD = 1, then a MOVX operation can access the lower
512 bytes of the external memory. The upper part of the external memory can always
be accessed independently of the setting of the ARD bit.
5
−
Spare, may be used as general purpose bit.
4
WLE/EW
Watchdog Load Enable. This flag must be set by software prior to loading the
Watchdog Timer. The flag is reset when the timer is loaded. See Section 10.10.3
3
GF1
General Purpose Flag 1.
2
GF0
General Purpose Flag 0.
1PD
Power-down mode select. Setting this bit activates the Power-down mode; see
Section 10.10.2.
0
IDL
Idle mode select. Setting this bit activates the Idle mode; see Section 10.10.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com