Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-PWT10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PWT10
Description  Conductivity Meter PCE-PWT 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PWT10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PWT10 Datasheet HTML 1Page - PCE Instruments. PCE-PWT10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Conductivity measuring
range
0 ... 20 µS/cm
0 ... 200 µS/cm
0 ... 2000 µS/cm
0 ... 20.00 mS/cm
Resolution
0.01 / 0.1 / 1
Accuracy
± 1 % of measuring range
 
 
Salinity measuring range
0.00 ... 10.00 ppt
Resolution
0.01 ppt
Accuracy
± 1 % of measuring range
 
 
Temperature measuring
range 
0 ... 60 °C / 32 ... 140 °F
Resolution
0.1 °C
Accuracy
± 1 °C
 
 
Temperature compensation
range
0 ... 60 °C / 32 ... 140 °F
Temperature coefficient
2 % / °C
Number of calibration points 1 ... 3
Calibration points
84 µS/cm
1413 µS/cm
12.88 mS/cm
Cell constant
K=1
Normal media temperature 25 °C / 77 °F
Hold function
By pressing a button
Automatic shutdown
8 minutes after the last key press
Pause
Reset to factory setting possible
Power supply
2 x 1.5 V AAA batteries
Operating time
ca. 200 hours
Dimensions
185 x 40 mm / 7.2 x 1.5"
Weight
ca. 100 g / 3.5 oz
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com