Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-PWT10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PWT10
Description  Conductivity Meter PCE-PWT 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PWT10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PWT10 Datasheet HTML 1Page - PCE Instruments. PCE-PWT10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Conductivity Meter PCE-PWT 10
Conductivity Meter PCE-PWT 10
pocket size conductivity tester / for ultrapure water / 
smallest measuring range 20µS/cm / salinity measurement / temperaturecompensation up to 60 °C
The conductivity meter is a good solution for anyone who wants to check the conductivity of ultrapure water.This conductivity tester is a
compact device with an integrated temperature sensor for optimum temperature compensation.Among other things, the conductivity tester
has a very low measuring range of only 0 ... 20 μS / cm.
Furthermore, the cunductivity meter is able to accurately determine the salinity of liquids.The PCE-PWT 10  conductivity tester has an automatic
temperature compensation in the range of 0 ... 60 ° C.The calibration of the conductivity tester is carried out via a three-point calibration.
For the desalting stage of water purification the pure water tester PCE-PWT 10 is helpfull. Separation of salt is a necessary process and can be
monitored by pure water tester. The latter are a part of both, electrodialysis and reverse osmosis. Though, the purpose is the same, the
principle of these process is different. Reverse osmosis is a successor of electrodialysis and if the latter uses electrical current, the former is
based on pressure. For desalting of water also forward osmosis may be applied, which helps to separate the dissolved solutes from the pure
water. Both methods are aimed at improving the pure water quality. This quality can be checked in the end by the pure water tester.
Conductivity is a material-specific ability to conduct electrical current. The electrolytic conductivity of aqueous solutions depends on
concentration of water constituents, their degree of dissociation and the valency of the cations and anions as well as the mobility of these ions,
which in turn is influenced by the temperature. Our pure water tester can accurately determine the ion content. In wastewater, the conductivity
is considered as a sum parameter for the ion concentration and thus for the total salinity. With the help of our pure water tester it is possible to
make a quick and easy statement about the total content of dissolved salts in the water.
 
smallest measuring range up to 20 µS/cm
compact design of pure water tester housing
automatic temperature compensation by pure water tester
salinity measurement
internal three-point conductivity calibration
changeable conductivity electrode


Similar Part No. - PCE-PWT10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PWM10 PCE-PCE-PWM10 Datasheet
469Kb / 2P
Pump Calibrator PCE-PWM 10
More results

Similar Description - PCE-PWT10

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
Conductivity / TDS / Salinity / Temperature Meter
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
logo
Endress+Hauser Group Se...
CLS19 EH-CLS19 Datasheet
493Kb / 8P
Conductivity sensor
2021-09-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com