Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1171C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF1171C
Description  4-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1171C Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF1171C Datasheet HTML 3Page - NXP Semiconductors PCF1171C Datasheet HTML 4Page - NXP Semiconductors PCF1171C Datasheet HTML 5Page - NXP Semiconductors PCF1171C Datasheet HTML 6Page - NXP Semiconductors PCF1171C Datasheet HTML 7Page - NXP Semiconductors PCF1171C Datasheet HTML 8Page - NXP Semiconductors PCF1171C Datasheet HTML 9Page - NXP Semiconductors PCF1171C Datasheet HTML 10Page - NXP Semiconductors PCF1171C Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Apr 16
7
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Fig.4 Bonding pad locations, PCF1171CU; 40 terminals.
Chip area: 6.28 mm2.
Bonding pad dimensions: 110
µm × 110 µm.
Chip thickness: 381
±25 µm.
MSA983
PCF1171CU
G2
F2
A2
B2
P3, P4
P1, P2
G3
F3
A3
B3
G4
F4
ADEG1
C1
E2
D2
C2
E3
D3
C3
E4
D4
C4
x
y
2.36 mm
2.66 mm
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com