Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF1171C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF1171C
Description  4-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1171C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF1171C Datasheet HTML 5Page - NXP Semiconductors PCF1171C Datasheet HTML 6Page - NXP Semiconductors PCF1171C Datasheet HTML 7Page - NXP Semiconductors PCF1171C Datasheet HTML 8Page - NXP Semiconductors PCF1171C Datasheet HTML 9Page - NXP Semiconductors PCF1171C Datasheet HTML 10Page - NXP Semiconductors PCF1171C Datasheet HTML 11Page - NXP Semiconductors PCF1171C Datasheet HTML 12Page - NXP Semiconductors PCF1171C Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Apr 16
9
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
APPLICATION INFORMATION
Fig.5 Typical application diagram.
(1) Only required if internal regulation is disconnected.
From pin 2 (OSC IN) to any other pin the stray capacitance should not exceed 2 pF.
MSA982
23
(V
)
DD
VDD
21
S6
S5
VDD
VSS
VDD
VSS
S6
selectable
correction mode
S5
12/24 hour mode
22
SHUNT
VOLTAGE
REGULATOR
TR
TS
OSC
IN
OSC
OUT
C
= 5 pF to 25 pF
T
4.19 MHz
EXT
I
R = 4.7 k
Ω to 8.2 kΩ
battery
38
39
40
2
1
I
2 I
DD
i
I REG
4
S3
18
S2
3
S1
S3
2 minutes correction
S2
set minutes
S1
set hour
S4
S4
internal voltage
regulation
19
20
VSS
segment
drivers
to LCD
(1)
33
µF to
100
µF
PCF1171C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com