Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS156 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS156
Description  Dual 1-of-4 Decorder/Demultiplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS156 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS156 Datasheet HTML 1Page - ON Semiconductor SN74LS156 Datasheet HTML 2Page - ON Semiconductor SN74LS156 Datasheet HTML 3Page - ON Semiconductor SN74LS156 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 0
110
Publication Order Number:
SN74LS156/D
SN74LS156
Dual 1-of-4 Decoder/
Demultiplexer
The SN74LS156 is a high speed Dual 1-of-4 Decoder/
Demultiplexer. This device has two decoders with common 2-bit
Address inputs and separate gated Enable inputs. Decoder “a” has an
Enable gate with one active HIGH and one active LOW input.
Decoder “b” has two active LOW Enable inputs. If the Enable
functions are satisfied, one output of each decoder will be LOW as
selected by the address inputs. The LS156 has open collector outputs
for wired-OR (DOT-AND) decoding and function generator
applications.
The LS156 is fabricated with the Schottky barrier diode process for
high speed and are completely compatible with all ON Semiconductor
TTL families.
• Schottky Process for High Speed
• Multifunction Capability
• Common Address Inputs
• True or Complement Data Demultiplexing
• Input Clamp Diodes Limit High Speed Termination Effects
• ESD > 3500 Volts
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
VOH
Output Voltage – High
5.5
V
IOL
Output Current – Low
8.0
mA
LS156–OPEN–COLLECTOR
LOW POWER SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS156N
16 Pin DIP
2000 Units/Box
SN74LS156D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - SN74LS156

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS156 MOTOROLA-SN74LS156 Datasheet
210Kb / 6P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
Texas Instruments
SN74LS156 TI-SN74LS156 Datasheet
732Kb / 17P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS156 TI-SN74LS156 Datasheet
1Mb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS156 TI1-SN74LS156 Datasheet
1Mb / 22P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS156 TI2-SN74LS156 Datasheet
940Kb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
REVISED MARCH 1988
More results

Similar Description - SN74LS156

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS139 MOTOROLA-SN54LS139 Datasheet
173Kb / 5P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
Dual 1-of-4 Decoder/Demultiplexer
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com