Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS156 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN74LS156
Description  Dual 1-of-4 Decorder/Demultiplexer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS156 Datasheet(HTML) 2 Page - ON Semiconductor

  SN74LS156 Datasheet HTML 1Page - ON Semiconductor SN74LS156 Datasheet HTML 2Page - ON Semiconductor SN74LS156 Datasheet HTML 3Page - ON Semiconductor SN74LS156 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SN74LS156
http://onsemi.com
111
CONNECTION DIAGRAM DIP (TOP VIEW)
Address Inputs
Enable (Active LOW) Inputs
Enable (Active HIGH) Input
Active LOW Outputs
A0, A1
Ea, Eb
Ea
O0 – O3
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
VCC = PIN 16
GND = PIN 8
LOGIC SYMBOL
NOTE:
The Flatpak version has the same
pinouts (Connection Diagram) as
the Dual In-Line Package.
1 2
13 3
14 15
EE
A0
A0
A1
A1
0
1
23
01
2
3
DECODER a
DECODER b
76
5
4
9
10 11 12
14
13
12
11
10
9
12345
6
7
16
15
8
VCC
Ea
Eb
Eb
A0
O3b
O1b
O2b
O0b
Ea
A1
O3a
O2a
O1a
O0a GND



Html Pages

1 2 3 4