Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4975 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 3Page - STMicroelectronics TS4975 Datasheet HTML 4Page - STMicroelectronics TS4975 Datasheet HTML 5Page - STMicroelectronics TS4975 Datasheet HTML 6Page - STMicroelectronics TS4975 Datasheet HTML 7Page - STMicroelectronics TS4975 Datasheet HTML 8Page - STMicroelectronics TS4975 Datasheet HTML 9Page - STMicroelectronics TS4975 Datasheet HTML 10Page - STMicroelectronics TS4975 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TS4975
Electrical Characteristics
7/36
Crosstalk
Channel Separation
RL =32Ω, AV = 2dB with Single-ended
F= 1kHZ, Pout = 10mW
103
dB
RL =32Ω, AV = 2dB with Single-ended
F = 20Hz to 20kHz, Pout = 10mW
75
RL =32Ω, AV = 2dB with Phantom Ground,
F= 1kHZ, Pout = 10mW
69
RL =32Ω, AV = 2dB with Phantom Ground,
F = 20Hz to 20kHz, Pout = 10mW
69
SNR
Signal to Noise Ratio
A-Weighted
AV = 2dB, RL =32Ω, Pout =12mW
Single-Ended
88
dB
AV = 2dB, RL =32Ω, Pout =12mW
Phantom Ground
88
ONoise
Output Noise Voltage,
A-Weighted
AV = 2dB, Single-ended
23
µVrms
AV = 2dB, Phantom Ground
23
G
Digital Gain Range
In1 & In2 to Out1 & Out2
-34
+18
dB
Digital Gain Stepsize
4
dB
Gain Error Tolerance
-1
+1
dB
Zin
In1 & In2 Input
Impedance
All gain settings
25.5
30
34.5
k
twu
Wake up time
Cb = 1µF
110
180
ms
tws
Standby time
1
µs
1.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to VCC @ F = 217Hz
Table 5.
VCC = +2.5 V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com