Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4975 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 18Page - STMicroelectronics TS4975 Datasheet HTML 19Page - STMicroelectronics TS4975 Datasheet HTML 20Page - STMicroelectronics TS4975 Datasheet HTML 21Page - STMicroelectronics TS4975 Datasheet HTML 22Page - STMicroelectronics TS4975 Datasheet HTML 23Page - STMicroelectronics TS4975 Datasheet HTML 24Page - STMicroelectronics TS4975 Datasheet HTML 25Page - STMicroelectronics TS4975 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Application Information
TS4975
22/36
4
Application Information
The TS4975 integrates 2 monolithic power amplifiers. The amplifier output can be configured
as either SE (single-ended) capacitively-coupled output or PHG (phantom ground) output.
Figure 1 on page 3 and Figure 2 on page 4 show schemes of these two configurations and
Section 4.2: Output configuration describes these configurations.
This chapter gives information on how to configure the TS4975 in application.
4.1
I²C bus interface
The TS4975 uses a serial bus, which conforms to the I²C protocol (the TS4975 must be
powered when it is connected to I²C bus), to control the chip’s functions with two wires: Clock
and Data. The Clock line and the Data line are bi-directional (open-collector) with an external
chip pull-up resistor (typically 10 kOhm). The maximum clock frequency in Fast-mode specified
by the I²C standard is 400kHz, which TS4975 supports. In this application, the TS4975 is
always the slave device and the controlling micro controller MCU is the master device.
The ADD pin is allows one to set one of two possible 7-bit device addresses. This setting is
needed for when a number of chips are connected to the same bus (for example two TS4975
devices), to avoid address conflicts. The two possible TS4975 addresses are:
$CCh when the ADD pin is connected to logic low voltage,
$CEh when ADD pin is connected to logic high voltage.
Table 8 summarizes the pin descriptions for the I²C bus interface.
Table 8.
I²C bus interface pin descriptions
4.1.1
I²C bus operation
The host MCU can write into the TS4975 control register to control the TS4975, and read from
the control register to get a configuration from the TS4975. The TS4975 is addressed by the
byte consisting of 7-bit slave address and R/W bit.
Table 9.
The first byte after the START message for addressing the device
In order to write data into the TS4975, after the “start” message, the MCU must send the
following data:
send byte with the I²C 7-bit slave address and with a low level for the R/W bit
send the data (control register setting)
Pin
Functional Description
SDA
This is the serial data pin
SCL
This is the clock input pin
ADD
User-setable portion of device’s I2C address
A6
A5
A4
A3
A2
A1
A0
R/W
110
0
1
1
A0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com