Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5077T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF5077T
Description  Power amplifier controller for GSM and PCN systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5077T Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF5077T Datasheet HTML 1Page - NXP Semiconductors PCF5077T Datasheet HTML 2Page - NXP Semiconductors PCF5077T Datasheet HTML 3Page - NXP Semiconductors PCF5077T Datasheet HTML 4Page - NXP Semiconductors PCF5077T Datasheet HTML 5Page - NXP Semiconductors PCF5077T Datasheet HTML 6Page - NXP Semiconductors PCF5077T Datasheet HTML 7Page - NXP Semiconductors PCF5077T Datasheet HTML 8Page - NXP Semiconductors PCF5077T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Nov 19
4
Philips Semiconductors
Preliminary specification
Power amplifier controller for GSM and
PCN systems
PCF5077T
PINNING
SYMBOL
PIN
DESCRIPTION
VS
1
sensor signal input
DF
2
programmable 3-state output
VDDA1
3
analog supply voltage 1
BVS
4
buffered sensor signal output
TRIG
5
trigger signal input
VDDD
6
digital supply voltage
PD
7
power-down input (active LOW)
CLK13
8
13 MHz master clock input
(low-swing)
STROBE
9
serial bus strobe signal input
CLK
10
serial bus clock signal input
DATA
11
serial bus data signal input
VSSD
12
digital ground
VSSA
13
analog ground
VINT(O)
14
integrator output
VINT(N)
15
integrator inverting input
VDDA2
16
analog supply voltage 2 (for OP4)
Fig.2 Pin configuration.
handbook, halfpage
PCF5077T
MGK909
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VS
DF
VDDA1
BVS
TRIG
VDDD
PD
CLK13
STROBE
CLK
DATA
VSSD
VSSA
VINT(O)
VINT(N)
VDDA2
FUNCTIONAL DESCRIPTION
General
This CMOS device integrates operational amplifiers, two
digital-to-analog converters and a serial bus interface to
implement an ‘Integrating-Controller’ (see Fig.1). It is
designed to control both the power level and the up- and
down-ramping of GSM/PCN transmit bursts.
The GSM/PCN power-up and power-down ramping curves
are generated on-chip, using an internal clock frequency of
2.166 MHz
, that is generated internally by
dividing the external 13 MHz clock signal by six.
Generally, the power amplifier is ramped-up after a rising
edge on pin TRIG and ramped-down after a falling edge.
The content of the power level register (bits PL7 to PL0)
determines which of the 2
× 256 possible values the top of
the burst will have.
To match the controller to different power modules and
sensors several parameters must be adapted.
The following parameters influence the performance of the
transmission system:
• The external capacitor C1 in Fig.1 determines the
maximum bandwidth of the power control loop,
T
cy
1
f
clk
-------
=


depending on the highest steepness of the control curve
of the power module and on the sensor attenuation.
• The maximum output voltage at pin VINT(O) to protect the
power module: the limiting value of VINT(O) can be set to
4, 3.3 or 2.55 V, depending on the contents of the limiter
register (bits Lim1 and Lim0). This limiting results in a
ringing at VINT(O) (typ. 200 mV peak-to-peak value) but it
will not be transferred to the antenna because the power
module is in saturation. The limiter register bits Lim1
and Lim0 can be used to switch off the limiter option
(see Table 5).
• The home position at V
INT(O): the integrator output
voltage at home position (PD = HIGH and TRIG = LOW)
is programmed by means of the VHOME register.
Bits Vh5 to Vh0 are fed into a 6-bit DAC that generates
a part of VHOME.
• The temperature behaviour of the home position:
bits DVh1 and DVh0 can be used to compensate
temperature dependencies (
−2or −4 mV/K) of the
control curves of the power module. This completes the
setting of VHOME.
• The KICK voltage: the 6 bits of the VKICK register
(Vk5 to Vk0) determine the differential integrator input
voltage just after a ramp-up starting signal is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com