Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF5077T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF5077T
Description  Power amplifier controller for GSM and PCN systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5077T Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF5077T Datasheet HTML 1Page - NXP Semiconductors PCF5077T Datasheet HTML 2Page - NXP Semiconductors PCF5077T Datasheet HTML 3Page - NXP Semiconductors PCF5077T Datasheet HTML 4Page - NXP Semiconductors PCF5077T Datasheet HTML 5Page - NXP Semiconductors PCF5077T Datasheet HTML 6Page - NXP Semiconductors PCF5077T Datasheet HTML 7Page - NXP Semiconductors PCF5077T Datasheet HTML 8Page - NXP Semiconductors PCF5077T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Nov 19
2
Philips Semiconductors
Preliminary specification
Power amplifier controller for GSM and
PCN systems
PCF5077T
FEATURES
• CMOS low-voltage, low-power
• Can be used in burst mode with power-down
• 3-wire serial bus interface with the bus available in
Power-down mode
• On-chip ramp generator for 256 different power levels
with two dynamic ranges
• Two programmable regulator start conditions (VKICK
and VHOME)
• Programmable analog output voltage limitation
• Ramping speed depending on the 13 MHz system
frequency clock for Global System for Mobile
communications (GSM) and Personal Communications
Network (PCN)
• Low swing input buffer for the 13 MHz master clock
• Compatible to a large number of different RF power
modules
• Programmable temperature matching
• Dual supply concept for analog and digital part
• No external filter for suppression of clock pulse feed
through
• Direct power control with ramping function (control loop
can be switched off)
• On-chip Power-on reset for all registers
• Serial bus is compatible to bus systems independent of
additional clock pulse after rising edge of strobe signal
• Low operating current consumption
• TTL compatible interface
• Programmable gain factor for sensor signal at OP1
• Two different voltages for 1 LSB of the burst power
Digital-to-Analog Converter (DAC) are programmable.
QUICK REFERENCE DATA
Notes
1. The voltages VDDA1 and VDDD must be equal and VDDA2 must be either equal or greater than VDDA1 =VDDD.
2. VDDA1 =VDDD = 3 V and VDDA2 = 5 V. The VDD pins are: VDDA1, VDDA2 and VDDD.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDD
digital supply voltage
note 1
2.7
3.0
6.0
V
VDDA1
analog supply voltage 1
note 1
2.7
3.0
6.0
V
VDDA2
analog supply voltage 2 (for OP4)
2.7
5.0
6.0
V
IDD(oper)(tot)
total operating current on the VDD pins
note 2
−
918
mA
Tamb
operating ambient temperature
−40
−
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF5077T
SSOP16
plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com