Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8535 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 10Page - NXP Semiconductors PCF8535 Datasheet HTML 11Page - NXP Semiconductors PCF8535 Datasheet HTML 12Page - NXP Semiconductors PCF8535 Datasheet HTML 13Page - NXP Semiconductors PCF8535 Datasheet HTML 14Page - NXP Semiconductors PCF8535 Datasheet HTML 15Page - NXP Semiconductors PCF8535 Datasheet HTML 16Page - NXP Semiconductors PCF8535 Datasheet HTML 17Page - NXP Semiconductors PCF8535 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
1999 Aug 24
14
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
handbook, full pagewidth
MGS472
00
01
02
a
VLCD
03
04
05
06
. . . 5F
6F
7F
00
01
02
03
04
05
06
. . . 5F
6F
7F
b
LOW
HIGH
Fig.5 VOP programming of PCF8535.
VOP[6:0] programming (00H to 7FH, programming range LOW and HIGH).
7.14
Voltage multiplier control
7.14.1
S[1:0]
The PCF8535 incorporates a software configurable
voltage multiplier. After reset (RES) the voltage multiplier
is set to 2
× VDD2. Other voltage multiplier factors are set
via the HV-gen command page. Before switching on the
charge pump, the charge pump has to be pre-charged
using the following sequence.
A starting state of HVE = 0, DOF = 0, PD = 1 and DM = 0
is assumed. A small delay between steps is indicated.
The recommended wait period is 20
µs per 100 nF of
capacitance on VLCD1.
1. Set DM = 1 and PD = 0
2. Delay
3. Set the multiplication factor to 2 by setting S[1:0] = 00
4. Set the required VOP and PRS.
5. Set HVE = 1 to switch-on the charge pump with a
multiplication factor of 2
6. Delay
7. Increase the number of stages, one at a time, with a
delay between each until the required level is
achieved.
Table 7
HV generator multiplication factor
S[1]
S[0]
MULTIPLICATION FACTOR
00
2
× VDD2
01
3
× VDD2
10
4
× VDD2
11
5
× VDD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com