Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8535 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8535
Description  65 x 133 pixel matrix driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8535 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8535 Datasheet HTML 11Page - NXP Semiconductors PCF8535 Datasheet HTML 12Page - NXP Semiconductors PCF8535 Datasheet HTML 13Page - NXP Semiconductors PCF8535 Datasheet HTML 14Page - NXP Semiconductors PCF8535 Datasheet HTML 15Page - NXP Semiconductors PCF8535 Datasheet HTML 16Page - NXP Semiconductors PCF8535 Datasheet HTML 17Page - NXP Semiconductors PCF8535 Datasheet HTML 18Page - NXP Semiconductors PCF8535 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
1999 Aug 24
15
Philips Semiconductors
Objective specification
65
× 133 pixel matrix driver
PCF8535
7.15
Addressing
Addressing of the RAM can be split into two parts; input
addressing and output addressing. Input addressing is
concerned with writing data into the RAM. Output
addressing is almost entirely automatic and taken care of
by the device, however, it is possible to affect the output
mode.
7.15.1
INPUT ADDRESSING
Data is down loaded byte wise into the RAM matrix of the
PCF8535 as indicated in Figs 6 to 10.
The display RAM has a matrix of 65
× 133 bits.
The columns are addressed by a combination of the
X address pointer and the X-RAM page pointer, whilst the
rows addressed in groups of 8 by the Y address pointer.
The X address pointer has a range of 0 to 127 (7FH).
Its range can be extended by the X-RAM page pointer,
XM0. The Y address pointer has a range of 0 to 8 (08H).
The PCF8535 is limited to 133 columns by 65 rows,
addressing the RAM outside of this area is not allowed.
Table 8
Effect of X-RAM page pointer
X ADDRESS POINTER
X-RAM PAGE POINTER
XM0
ADDRESSED COLUMN
MX = 0
ADDRESSED COLUMN
MX = 1
0
0
C0
C132
1
0
C1
C131
2
0
C2
C130
::::
125
0
C125
C7
126
0
C126
C6
127
0
C127
C5
0
1
C128
C4
1
1
C129
C3
::::
4
1
C132
C0
handbook, full pagewidth
MGS673
MSB
LSB
Banks 1 to 7 use
the entire byte
Bank 8 is only
1 bit deep and
uses the MSB
0
XM0 = 1
XM0 = 0
1
2
3
4
5
6
7
8
.. ..
.. ..
LSB
MSB
X address
icon data
Fig.6 RAM format, input addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com