Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576C Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 12Page - NXP Semiconductors PCF8576C Datasheet HTML 13Page - NXP Semiconductors PCF8576C Datasheet HTML 14Page - NXP Semiconductors PCF8576C Datasheet HTML 15Page - NXP Semiconductors PCF8576C Datasheet HTML 16Page - NXP Semiconductors PCF8576C Datasheet HTML 17Page - NXP Semiconductors PCF8576C Datasheet HTML 18Page - NXP Semiconductors PCF8576C Datasheet HTML 19Page - NXP Semiconductors PCF8576C Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
1998 Jul 30
16
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
6.11
Display RAM
The display RAM is a static 40
× 4-bit RAM which stores
LCD data. A logic 1 in the RAM bit-map indicates the on
state of the corresponding LCD segment; similarly, a
logic 0 indicates the off state. There is a one-to-one
correspondence between the RAM addresses and the
segment outputs, and between the individual bits of a RAM
word and the backplane outputs. The first RAM column
corresponds to the 40 segments operated with respect to
backplane BP0 (see Fig.10). In multiplexed LCD
applications the segment data of the second, third and
fourth column of the display RAM are time-multiplexed
with BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8576C the
display bytes received are stored in the display RAM in
accordance with the selected LCD drive mode.
To illustrate the filling order, an example of a 7-segment
numeric display showing all drive modes is given in Fig.11;
the RAM filling organization depicted applies equally to
other LCD types.
With reference to Fig.11, in the static drive mode the eight
transmitted data bits are placed in bit 0 of eight successive
display RAM addresses.
In the 1 : 2 multiplex drive mode the eight transmitted data
bits are placed in bits 0 and 1 of four successive display
RAM addresses. In the 1 : 3 multiplex drive mode these
bits are placed in bits 0, 1 and 2 of three successive
addresses, with bit 2 of the third address left unchanged.
This last bit may, if necessary, be controlled by an
additional transfer to this address but care should be taken
to avoid overriding adjacent data because full bytes are
always transmitted. In the 1 : 4 multiplex drive mode the
eight transmitted data bits are placed in bits 0, 1, 2 and 3
of two successive display RAM addresses.
Table 3
LCD frame frequencies
PCF8576C MODE
FRAME
FREQUENCY
NOMINAL
FRAME
FREQUENCY
(Hz)
Normal mode
64
Power-saving mode
64
f
clk
2880
-------------
f
clk
480
----------
Fig.10 Display RAM bit-map showing direct relationship between display RAM addresses
and segment outputs, and between bits in a RAM word and backplane outputs.
0
0
1
2
3
1234
35
36
37
38
39
display RAM addresses (rows) / segment outputs (S)
display RAM bits
(columns) /
backplane outputs
(BP)
MBE525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com