Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8576C
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8576C Datasheet HTML 17Page - NXP Semiconductors PCF8576C Datasheet HTML 18Page - NXP Semiconductors PCF8576C Datasheet HTML 19Page - NXP Semiconductors PCF8576C Datasheet HTML 20Page - NXP Semiconductors PCF8576C Datasheet HTML 21Page - NXP Semiconductors PCF8576C Datasheet HTML 22Page - NXP Semiconductors PCF8576C Datasheet HTML 23Page - NXP Semiconductors PCF8576C Datasheet HTML 24Page - NXP Semiconductors PCF8576C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1998 Jul 30
21
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
After acknowledgement, one or more command bytes (m)
follow which define the status of the addressed
PCF8576Cs.
The last command byte is tagged with a cleared most
significant bit, the continuation bit C. The command bytes
are also acknowledged by all addressed PCF8576Cs on
the bus.
After the last command byte, a series of display data bytes
(n) may follow. These display bytes are stored in the
display RAM at the address specified by the data pointer
and the subaddress counter. Both data pointer and
subaddress counter are automatically updated and the
data is directed to the intended PCF8576C device.
The acknowledgement after each byte is made only by the
(A0, A1 and A2) addressed PCF8576C. After the last
display byte, the I2C-bus master issues a STOP
condition (P).
7.8
Command decoder
The command decoder identifies command bytes that
arrive on the I2C-bus. All available commands carry a
continuation bit C in their most significant bit position
(Fig.17). When this bit is set, it indicates that the next byte
of the transfer to arrive will also represent a command.
If this bit is reset, it indicates the last command byte of the
transfer. Further bytes will be regarded as display data.
The five commands available to the PCF8576C are
defined in Table 5.
Fig.12 Bit transfer.
MBA607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig.13 Definition of START and STOP conditions.
handbook, full pagewidth
MBC622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com