Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8577C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8577C
Description  LCD direct/duplex driver with I2C-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8577C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8577C Datasheet HTML 9Page - NXP Semiconductors PCF8577C Datasheet HTML 10Page - NXP Semiconductors PCF8577C Datasheet HTML 11Page - NXP Semiconductors PCF8577C Datasheet HTML 12Page - NXP Semiconductors PCF8577C Datasheet HTML 13Page - NXP Semiconductors PCF8577C Datasheet HTML 14Page - NXP Semiconductors PCF8577C Datasheet HTML 15Page - NXP Semiconductors PCF8577C Datasheet HTML 16Page - NXP Semiconductors PCF8577C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1998 Jul 30
13
Philips Semiconductors
Product specification
LCD direct/duplex driver with
I2C-bus interface
PCF8577C
Notes
1. Typical conditions: VDD = 5 V; Tamb =25 °C.
2. Resets all logic when VDD < VPOR.
3. Periodically sampled, not 100% tested.
4. Outputs measured one at a time.
5. Outputs measured one at a time; VDD = 5 V; Iload = 100 µA.
Input A1
VIL(A1)
LOW-level input voltage
0
0.3VDD
V
VIH(A1)
HIGH-level input voltage
0.7VDD
VDD
V
Input A2
VIL(A2)
LOW-level input voltage
0
0.10
V
VIH(A2)
HIGH-level input voltage
VDD − 0.10
VDD
V
Input SCL; SDA
VIL(SCL; SDA)
LOW-level input voltage
0
0.3VDD
V
VIH(SCL; SDA) HIGH-level input voltage
0.7VDD
6V
Ci
input capacitance
note 3
−−
7pF
Output SDA
IOL
LOW-level output current
VOL = 0.4 V; VDD =5V
3
−−
mA
A1; SCL; SDA
IL1
leakage current
VI =VDD or VSS
−1
+1
µA
A2/BP2; BP1
IL2
leakage current
VI =VDD or VSS
−5
+5
µA
A2/BP2
Ipd
pull-down current
VI =VDD
−5
−1.5
−µA
A0/OSC
IL3
leakage current
VI =VDD
−1
−−
µA
Oscillator
IOSC
start-up current
VI =VSS
1.2
5
µA
LCD outputs
VDC
DC component of LCD driver
−±20
mV
IOL1
LOW-level segment output
current
VDD =5V; VOL = 0.8 V;
note 4
0.3
−−
mA
IOH1
HIGH-level segment output
current
VDD =5V;
VOH =VDD − 0.8 V; note 4
−−
−0.3
mA
RBP
backplane output resistance
(BP1; BP2)
VO =VSS or VDD or
1
2(VSS +VDD); note 5
0.4
5
k
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com