Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8577C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8577C
Description  LCD direct/duplex driver with I2C-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8577C Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8577C Datasheet HTML 1Page - NXP Semiconductors PCF8577C Datasheet HTML 2Page - NXP Semiconductors PCF8577C Datasheet HTML 3Page - NXP Semiconductors PCF8577C Datasheet HTML 4Page - NXP Semiconductors PCF8577C Datasheet HTML 5Page - NXP Semiconductors PCF8577C Datasheet HTML 6Page - NXP Semiconductors PCF8577C Datasheet HTML 7Page - NXP Semiconductors PCF8577C Datasheet HTML 8Page - NXP Semiconductors PCF8577C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1998 Jul 30
3
Philips Semiconductors
Product specification
LCD direct/duplex driver with
I2C-bus interface
PCF8577C
1
FEATURES
• Direct/duplex drive modes with up to
32/64 LCD-segment drive capability per device
• Operating supply voltage: 2.5 to 6 V
• Low power consumption
• I2C-bus interface
• Optimized pinning for single plane wiring
• Single-pin built-in oscillator
• Auto-incremented loading across device subaddress
boundaries
• Display memory switching in direct drive mode
• May be used as I2C-bus output expander
• System expansion up to 256 segments
• Power-on reset blanks display
• I2C-bus address: 0111 0100.
2
GENERAL DESCRIPTION
The PCF8577C is a single chip, silicon gate CMOS circuit.
It is designed to drive liquid crystal displays with up to
32 segments directly, or 64 segments in a duplex
configuration.
The two-line I2C-bus interface substantially reduces wiring
overheads in remote display applications. I2C-bus traffic is
minimized in multiple IC applications by automatic address
incrementing, hardware subaddressing and display
memory switching (direct drive mode).To allow partial VDD
shutdown the ESD protection system of the SCL and SDA
pins does not use a diode connected to VDD.
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8577CP
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
PCF8577CT
VSO40
plastic very small outline package; 40 leads
SOT158A
PCF8577CT
VS040 in blister tape
PCF8577CU/10
chip on film-frame-carrier (FFC)
Fig.1 Block diagram.
MGA727
VDD
VSS
SDA
SCL
A0/OSC
A1
A2/BP2
BP1
S32
S1
PCF8577C
2
I C - BUS
CONTROLLER
INPUT
FILTERS
SEGMENT BYTE
REGISTERS
AND
MULTIPLEX
LOGIC
BACKPLANE
AND
SEGMENT
DRIVERS
CONTROL REGISTER
AND
COMPARATOR
OSCILLATOR
AND
DIVIDER
POWER -
ON
RESET
33
32
1
34
36
37
2
I C - BUS
40
39
35
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com