Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8576 Datasheet HTML 14Page - NXP Semiconductors PCF8576 Datasheet HTML 15Page - NXP Semiconductors PCF8576 Datasheet HTML 16Page - NXP Semiconductors PCF8576 Datasheet HTML 17Page - NXP Semiconductors PCF8576 Datasheet HTML 18Page - NXP Semiconductors PCF8576 Datasheet HTML 19Page - NXP Semiconductors PCF8576 Datasheet HTML 20Page - NXP Semiconductors PCF8576 Datasheet HTML 21Page - NXP Semiconductors PCF8576 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1998 Jul 30
18
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
6.16
Blinker
The display blinking capabilities of the PCF8576C are very
versatile. The whole display can be blinked at frequencies
selected by the BLINK command. The blinking frequencies
are integer multiples of the clock frequency; the ratios
between the clock and blinking frequencies depend on the
mode in which the device is operating, as shown in
Table 4.
An additional feature is for an arbitrary selection of LCD
segments to be blinked. This applies to the static and
1 : 2 LCD drive modes and can be implemented without
any communication overheads.
By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the
blinking frequency. This mode can also be specified by the
BLINK command.
In the 1 : 3 and 1 : 4 multiplex modes, where no alternate
RAM bank is available, groups of LCD segments can be
blinked by selectively changing the display RAM data at
fixed time intervals.
If the entire display is to be blinked at a frequency other
than the nominal blinking frequency, this can be effectively
performed by resetting and setting the display enable bit E
at the required rate using the MODE SET command.
Table 4
Blinking frequencies
BLINKING MODE
NORMAL OPERATING
MODE RATIO
POWER-SAVING MODE
RATIO
NOMINAL BLINKING
FREQUENCY
Off
−−
blinking off
2Hz
2Hz
1Hz
1Hz
0.5 Hz
0.5 Hz
f
clk
92160
----------------
f
clk
15360
----------------
f
clk
184320
--------------------
f
clk
30720
----------------
f
clk
368640
--------------------
f
clk
61440
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com