Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8576
Description  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8576 Datasheet HTML 1Page - NXP Semiconductors PCF8576 Datasheet HTML 2Page - NXP Semiconductors PCF8576 Datasheet HTML 3Page - NXP Semiconductors PCF8576 Datasheet HTML 4Page - NXP Semiconductors PCF8576 Datasheet HTML 5Page - NXP Semiconductors PCF8576 Datasheet HTML 6Page - NXP Semiconductors PCF8576 Datasheet HTML 7Page - NXP Semiconductors PCF8576 Datasheet HTML 8Page - NXP Semiconductors PCF8576 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1998 Jul 30
3
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
1
FEATURES
• Single-chip LCD controller/driver
• Selectable backplane drive configuration: static or 2/3/4
backplane multiplexing
• Selectable display bias configuration: static, 1/2 or 1/3
• Internal LCD bias generation with voltage-follower
buffers
• 40 segment drives: up to twenty 8-segment numeric
characters; up to ten 15-segment alphanumeric
characters; or any graphics of up to 160 elements
• 40 × 4-bit RAM for display data storage
• Auto-incremented display data loading across device
subaddress boundaries
• Display memory bank switching in static and duplex
drive modes
• Versatile blinking modes
• LCD and logic supplies may be separated
• Wide power supply range: from 2 V for low-threshold
LCDs and up to 6 V for guest-host LCDs and
high-threshold (automobile) twisted nematic LCDs.
A 9 V version is also available on request.
• Low power consumption
• Power-saving mode for extremely low power
consumption in battery-operated and telephone
applications
• I2C-bus interface
• TTL/CMOS compatible
• Compatible with any 4-bit, 8-bit or 16-bit
microprocessors/microcontrollers
• May be cascaded for large LCD applications (up to
2560 segments possible)
• Cascadable with 24-segment LCD driver PCF8566
• Optimized pinning for plane wiring in both and multiple
PCF8576C applications
• Space-saving 56-lead plastic very small outline package
(VSO56) or 64-lead low profile quad flat package
(LQFP64)
• No external components
• Compatible with chip-on-glass technology
• Manufactured in silicon gate CMOS process.
2
GENERAL DESCRIPTION
The PCF8576C is a peripheral device which interfaces to
almost any Liquid Crystal Display (LCD) with low multiplex
rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up
to 40 segments and can easily be cascaded for larger LCD
applications. The PCF8576C is compatible with most
microprocessors/microcontrollers and communicates via a
two-line bidirectional I2C-bus. Communication overheads
are minimized by a display RAM with auto-incremented
addressing, by hardware subaddressing and by display
memory switching (static and duplex drive modes).
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8576CT
VSO56
plastic very small outline package; 56 leads
SOT190-1
PCF8576CU
−
chip in tray
−
PCF8576CU/2
−
chip with bumps in tray
−
PCF8576CU/5
−
unsawn wafer
−
PCF8576CU/7
−
chip with bumps on tape
−
PCF8576CU/10
FFC
chip-on-film frame carrier
−
PCF8576CU/12
FFC
chip with bumps on film frame carrier
−
PCF8576CH
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com